Electronic Components Datasheet Search
  English  ▼

X  

AD5171 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5171 Datasheet HTML 10Page - Analog Devices AD5171 Datasheet HTML 11Page - Analog Devices AD5171 Datasheet HTML 12Page - Analog Devices AD5171 Datasheet HTML 13Page - Analog Devices AD5171 Datasheet HTML 14Page - Analog Devices AD5171 Datasheet HTML 15Page - Analog Devices AD5171 Datasheet HTML 16Page - Analog Devices AD5171 Datasheet HTML 17Page - Analog Devices AD5171 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5171
CONTROLLING THE AD5171
There are two ways of controlling the AD5171. Users can either
program the devices with computer software or external I2C
controllers.
Software Programming
Due to the advantage of the one-time programmable feature,
users may consider programming the device in the factory
before shipping to end users. ADI offers a device programming
software, which can be implemented in the factory on PCs that
run Windows 95 to XP platforms. As a result, external control-
lers are not required, which significantly reduces development
time. The program is an executable file that does not require
any programming languages or user programming skills. It is
easy to set up and use. Figure 33 shows the software interface.
The software can be downloaded from www.analog.com.
Figure 33. AD5171 Computer Software Interface
Write
The AD5171 starts at midscale after power-up prior to the OPT
programming. To increment or decrement the resistance, the
user may simply move the scrollbar on the left. To write any
specific values, the user should use the bit pattern control in the
upper screen and press the Run button. The format of writing
data to the device is shown in Table 7. Once the desirable setting
is found, the user may press the Program Permanent button to
blow the internal fuse links for permanent setting. The user may
also set the programming bit pattern in the upper screen and
press the Run button to achieve the same result.
Read
To read the validation bits and data out from the device, the
user may simply press the Read button. The user may also set
the bit pattern in the upper screen and press the Run button.
The format of reading data out from the device is shown in
Table 8.
To apply the device programming software in the factory, users
need to modify a parallel port cable and configure Pins 2, 3, 15,
and 25 for SDA_write, SCL, SDA_read, and DGND, respectively
for the control signals (Figure 34). Users should also layout the
PCB of the AD5171 with SCL and SDA pads, as shown in
Figure 35, such that pogo pins can be inserted for the factory
programming.
13
25
12
24
11
23
10
22
9
21
8
20
7
19
6
18
5
17
4
16
3
15
2
14
1
SCL
R3
100
Ω
R2
100
Ω
R1
100
Ω
SDA
READ
WRITE
Figure 34. Parallel Port Connection. Pin 2 = SDA_write, Pin 3 = SCL,
Pin 15 = SDA_read, and Pin 25 = DGND
W
VDD
DGND
SCL
A
B
AD0
SDA
Figure 35. Recommended AD5171 PCB Layout. The SCL and SDA pads allow
pogo pins to be inserted so that signals can be communicated through the
parallel port for programming (Figure 34).
Table 7. SDA Write Mode Bit Format
S
0
1
0
1
1
0
AD0
0
A
T
X
X
X
X
X
X
X
A
X
X
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
Table 8. SDA Read Mode Bit Format
S
0
1
0
1
1
0
AD0
1
A
E1
E0
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Data Byte
Rev. PrC | Page 14 of 20
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com