Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 5 Page - Analog Devices

  AD6650 Datasheet HTML 1Page - Analog Devices AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
5
DIGITAL SPECIFICATIONS
(TMIN to TMAX, AVDD, CLKVDD, DVDD = +3.3v, unless otherwise noted)
Parameter
Temp
Test
Level
MIN
AD6650BBC
Typ
Max
Units
VDD
IV
3.0
3.3
3.6
V
VDDIO
IV
3.0
3.3
3.6
V
AVDD
IV
3.0
3.3
3.6
V
TAMBIENT
IV
-40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
Parameter (Conditions)
Temp
Test
Level
Min
AD6650BBC
Typ
Max
Units
LOGIC INPUTS
Logic Compatibility
Full
3.3V CMOS
Logic “1” Voltage
VDD-0.9
VDD
V
Logic “0” Voltage
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
10
µA
Input Capacitance
5
pF
LOGIC OUTPUTS
Logic Compatibility
Full
3.3VCMOS/TTL
Logic “1” Voltage (IOH=0.25mA)
Full
IV
2.4
VDD-0.2
V
Logic “0” Voltage (IOL=0.25mA)
Full
IV
0.2
0.4
V
IDD SUPPLY CURRENT
CLK=104 MHz (GSM Example)
+25
°C
V
IVDD
mA
IVDDIO
mA
IAVDD
mA
POWER DISSIPATION
CLK=104 MHz GSM/EDGE Example
V
1.2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com