Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6650 Datasheet HTML 12Page - Analog Devices AD6650 Datasheet HTML 13Page - Analog Devices AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices AD6650 Datasheet HTML 19Page - Analog Devices AD6650 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
16
Fast Decay Loop
The Fast Decay (FD) loop is a fast loop that increases the gain
when the signal falls below a threshold during a deep channel
fade or on the Ramp Down. The fast loop accomplishes this
task by looking at two outputs. The first is the peak signal plus
blocker level at the ADC output (which includes the signal and
any blockers that may be passed through by the SAW filter).
The second is the peak signal level after the decimation filters
and a Blocker Reject Filter have attenuated the blockers. There
are two programmable levels that determine when this loop is
activated: the Signal Plus Blocker level (SPB_level) and the
Signal level (SIG_level). Both these levels are defined in dBFS.
Default values stand at –40dBFS for the SPB_level and –
60dBFS for the SIG_level. When the ‘wideband’ signal is below
the SPB level (p12) and ‘narrowband’ information is below the
Signal level (p13), the FD loop is activated. This loop overrides
the slow loop and has a programmable step size (p7) (currently
set at 0.094dB) and a programmable peak detect period (p6)
currently set at 4 samples at 1.08MHz.
FOURTH ORDER CASCADED
INTEGRATOR COMB FILTER
The CIC4 processing stage implements a sharp fixed-
coefficient decimating filter, which is driven by the 12 bit
Analog to Digital converter. The maximum input rate into
this filter is ADCOUTPUT, which cannot exceed 26 MHz.
The decimation ratio, MCIC4, may be programmed from 8
to 32 (all integer values). The frequency response of the
filter is given by Equation x. The gain and passband droop
of CIC4 should be calculated by these equations. Both
parameters may be compensated for in the IIR stage.
4
1
4
1
1
1
)
(
4
4


−
−
⋅
=
−
−
z
z
M
z
CIC
CIC
M
CIC
4
4
4
sin
sin
1
)
(
4


⋅


⋅
⋅
⋅
=
ADC
ADC
CIC
CIC
f
f
f
M
f
M
f
CIC
π
π
The scale factor, SCIC4 is a programmable unsigned integer
between 12 and 20. It serves to control the attenuation of the data
into the CIC4 stage in 6 dB increments. For the best dynamic
range, SCIC4 should be set to the smallest value possible (lowest
attenuation) without creating an overflow condition.
()
() 12
log
4
2
5
−
×
=
M
ceil
S
CIC
The output rate of this stage is given by equation x.
4
4
CIC
OUTPUT
SAMP
M
ADC
f
≤
CIC4 Rejection
Table xx illustrates the amount of bandwidth in percentage of the
clock rate that can be protected with various decimation rates
and alias rejection specifications. The maximum input rate into
the CIC4 is 26 MHz, as mentioned above. As in Table xx, these
are the ½ bandwidth characteristics of the CIC4.
Table x. SSB CIC4 Alias Rejection Table
-50
-60
-70
-80
-90
-100
8
2.602 2.751 2.867 2.957 3.027 3.080
9
2.311 2.444 2.547 2.627 2.690 2.737
10 2.078 2.199 2.291 2.364 2.420 2.463
11 1.889 1.998 2.083 2.148 2.200 2.239
12 1.731 1.831 1.909 1.969 2.016 2.052
13 1.597 1.690 1.761 1.817 1.861 1.894
14 1.483 1.569 1.635 1.687 1.728 1.759
15 1.384 1.464 1.526 1.575 1.613 1.641
16 1.297 1.373 1.431 1.476 1.512 1.539
17 1.221 1.292 1.346 1.389 1.423 1.448
18 1.153 1.220 1.272 1.312 1.344 1.368
19 1.092 1.156 1.205 1.243 1.273 1.296
20 1.037 1.098 1.144 1.181 1.209 1.231
21 0.988 1.045 1.090 1.124 1.152 1.172
22 0.943 0.998 1.040 1.073 1.099 1.119
23 0.902 0.954 0.995 1.027 1.051 1.070
24 2.602 2.751 2.867 2.957 3.027 3.080
25 0.830 0.878 0.915 0.944 0.967 0.985
26 0.798 0.844 0.880 0.908 0.930 0.947
27 0.768 0.813 0.847 0.874 0.896 0.912
28 0.741 0.784 0.817 0.843 0.864 0.879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com