Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6650 Datasheet HTML 11Page - Analog Devices AD6650 Datasheet HTML 12Page - Analog Devices AD6650 Datasheet HTML 13Page - Analog Devices AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices AD6650 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
15
ARCHITECTURE
The AD6650 is a mixed-signal received signal processor
intended for direct IF sampling radios requiring high symbol
rate. It has been optimized for the demanding filtering
requirements of GSM and EDGE.
The AD6650 has five signal processing stages: a digital
VGA, I&Q Demodulators, 7th Order Low Pass Filters, dual
wideband ADC, and Digital Filtering and Control Stage.
Programming and control is accomplished via serial and
microprocessor interfaces.
DVGA
A gain ranging digital VGA is used to extend the dynamic
range of the input signal and prevent signal clipping at the
ADC input.
I&Q Demodulators
Frequency translation is accomplished with I&Q demodulators.
Real data entering this stage is separated into in-phase (I) and
quadrature (Q) components. This stage translates the input
signal from an intermediate frequency (IF) to a baseband
frequency.
Low Pass Filters
Following frequency translation is a 7th Order Low Pass
Active Filter with a 3.5 MHz Bandwidth and RC calibration.
Dual ADCs
The ADC is implemented by providing dual track and holds
in front of an AD9238 ADC core. In front of each ADC is a
MUX operating at 52 MSPS.
VCO/PLL
A voltage controlled oscillator and phase locked loop
circuit generates the appropriate IF frequency for the
demodulators.
DIGITAL FILTERS
Following the analog frequency translation is a fourth order
Cascaded Integrator Comb (CIC4) filter whose response is
defined by the decimation rate.
IIR Stage Next
The final stage is a sum-of-products FIR filter with
programmable 20-bit coefficients, and decimation rates
programmable from 1 to 4. The RAM Coefficient FIR filter
(RCF in the Functional Block Diagram) can handle a maximum
of 48 taps.
The overall filter response for the AD6650 is the composite of
all decimating. Each successive filter stage is capable of
narrower transition bandwidths but requires a greater number of
CLK cycles to calculate the output. More decimation in the first
filter stage will minimize overall power consumption. Data from
the chip is interfaced to the DSP via a high-speed synchronous
serial port.
Theory of Operation
AGC LOOP
The AGC consists of three gain control loops; a slow loop
following the ADC, a Fast Attack (FA) loop following the base
band filter, and the Fast Decay (FD) loop following the
decimation filters.
Slow Loop
The slow loop is the main loop and has a ‘Loop gain’ parameter
(p41) associated with it. This parameter controls the rate of
change of the gain and should always be less than 1. The default
loop gain used is 1/256. The slow loop attempts to maintain the
signal entering the ADC at a given level, which is referred to as
the ‘Requested level’ (p5). This level is specified to the loop in
dBFS. This level can be between 0dBFS and –24dBFS of the
converter in .094dB resolution. The default value is –6.02
dBFS. The slow loop has a ‘peak detect’ function, the period of
which can be set by the user (p1). This ‘peak detect’ period can
be set to 1/4 of a symbol period or greater to prevent the AGC
loop from gaining off the envelope of the EDGE signal. This
works since the Peak Detector works off of the function
dB(max(|I|,|Q|)) which reflects all of the IQ samples back into
one quadrant of the IQ plane. At a 26MHz sampling frequency,
1 symbol period turns out to be 96 clock cycles; therefore, to
obtain a peak detect period of 1/4 symbol, the period should be
set to 24 samples.
Fast Attack Loop
The FA loop is based off of an analog threshold detector that
prevents overdrive of the analog signal path. In a situation that
could potentially overdrive the converter, the FA loop takes over
from the slow loop and decreases the gain to the VGA front end.
The step size used for the FA loop is programmable between 0
and 1.504dB in .094 dB steps(p0). The FA loop also has a
counter, which is programmable between 1 and 16. When
initialized to ‘Count+1’, the FA loop decreases the gain for
‘Count+1’ clock cycles when the threshold is crossed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com