Electronic Components Datasheet Search
  English  ▼

X  

T0534VL Datasheet(PDF) 8 Page - Chip Integration Technology Corporation

Part # T0534VL
Description  Low Capacitance ESD Protection Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0534VL Datasheet(HTML) 8 Page - Chip Integration Technology Corporation

  T0534VL Datasheet HTML 1Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 2Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 3Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 4Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 5Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 6Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 7Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 8Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 9Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Marking Codes
YYWW
1
2
3
4
5
6
Note:
(1) "54V" is part number, fixed.
(2) "YYWW" is date code. "Y" is the assembly year
in a year.
Ordering Information
Part Number
Working
Quantity
Per Reel
Reel Size
5V
3,000
7 Inch
Footprint: SOT23-6L
A
B
C
D
E
F
Symbol
Dimensions
Millimeters
Inches
A
0.60
0.024
B
1.10
0.043
C
0.95
0.037
D
1.40
0.055
E
2.50
0.098
F
3.60
0.141
T0534VL
(2015 is "15");while"WW" is the assembly week
Chip Integration Technology Corporation
Voltage
Low Capacitance ESD Protection Device
1
2
3
4
5
6
Note:
(1) "54V" is part number, fixed.
(2) "XXX" is the last 3 characters of the wafer’s Lot No.,
"Y" is the internal code.
Or
54V
XXXY
54V
T0534VL
Document ID : DS-22V21
Revised Date : 2017/07/20
Revision : C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com