Electronic Components Datasheet Search
  English  ▼

X  

T0534VL Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # T0534VL
Description  Low Capacitance ESD Protection Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0534VL Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  T0534VL Datasheet HTML 1Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 2Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 3Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 4Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 5Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 6Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 7Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 8Page - Chip Integration Technology Corporation T0534VL Datasheet HTML 9Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Low Capacitance ESD Protection Device
T0534VL
Chip Integration Technology Corporation
Features
□
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±25kV (Air)
±17kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
□
Small package (2.9mm x 2.8mm x 1.4mm)
□
Protects four data lines
□
Low capacitance: 0.6pF Typical (I/O-GND)
□
Low leakage current: 0.1uA@V
(Typical)
RWM
□
Low clamping voltage
□
Each I/O pin can withstand over 1000 ESD
strikes for ±8kV contact discharge
Description
T0534VL is an ultra-low capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for high-
speed data interfaces. With typical capacitance of
0.5pF only, T0534VL is designed to protect parasitic
-sensitive system against over-voltage and over-current
transient events. It complies with IEC61000-4-2(ESD)
,Level X (±25kV air,±17kV contact discharge),IEC
61000-4-4 (electrical fast transient - EFT) (40A,5/50ns)
, very fast charged divice model (CDM)ESD and cable
discharge event (СВE),etc.
lines. The combined features of low capacitance, small
size and high ESD robustness make
ideal
for high-speed data ports and high-frequency lines
(e.g., HDMI & DVI) applications. The low clamping
voltage of the T0534 VL guarantees a minimum stress
on the protected IC.
Applications
□
Serial ATA
□
PCI Express
□
Desktops, Servers and Notebooks
□
MDDI Ports
□
USB 2.0/3.0 Power and Data line Protection
□
Display Ports
Mechanical Characteristics
□
SOT23-6L package
□
Flammability Rating: UL 94V-0
□
Marking: Part number
Circuit Diagram
I/O_1
I/O_3
I/O_2
I/O_4
GND
VCC
Pin Configuration
1
2
3
4
5
6
SOT23-6L
(Top View)
T0534VL user SOT23-6L package. Each
T0534VL device can protect four high-speed data
T0534VL
□
Green part
□
Packaging: Tape and Reel
I/O_3
I/O_2
GND
VCC
I/O_1
I/O_4
□
High Definition Multi-Media Interface (HDMI)
□
Digital Visual Interfaces (DVI)
Document ID : DS-22V21
Revised Date : 2017/07/20
Revision : C


Similar Part No. - T0534VL

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
Low Capacitance ESD Protection Device
More results

Similar Description - T0534VL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC5V0LPB MCC-ESDLC5V0LPB Datasheet
320Kb / 3P
5V Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
Low Capacitance ESD Protection Device
T0501MB CITC-T0501MB Datasheet
554Kb / 7P
Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com