Electronic Components Datasheet Search
  English  ▼

X  

T0501MB Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # T0501MB
Description  Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501MB Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  T0501MB Datasheet HTML 1Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 2Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 3Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 4Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 5Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 6Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Low Capacitance ESD Protection Device
T0501MB
Chip Integration Technology Corporation
Document ID : DS-22V14
Revised Date : 2017/05/02
Revision : C
TLP Measurement of I/O _1 to I/O _2
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
TLP Voltage (V)
Voltage Sweeping of I/O_1 to I/O _2
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.12
-8
-6
-4
-2
0
2
4
6
8
Voltage (V)
Capacitance vs. Voltage of I/O_1 to I/O _2 (f = 1MHz)
Capacitance vs. Reverse Voltage
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1
2
3
4
5
Reverse Voltage (V)
ESD Clamping of I/O_1 to I/O_2
(+8kV Contact per IEC 61000 -4-2)
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
-50
0
50
100
150
200
Time (ns)
Normalized Capacitance vs. Reverse Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
1
2
3
4
5
Reverse Voltage (V)
ESD Clamping of I/O_1 to I/O_2
(-8kV Contact per IEC 61000 -4-2)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
-50
0
50
100
150
200
Time (ns)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com