Electronic Components Datasheet Search
  English  ▼

X  

T0501MB Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # T0501MB
Description  Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501MB Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  T0501MB Datasheet HTML 1Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 2Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 3Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 4Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 5Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 6Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Low Capacitance ESD Protection Device
T0501MB
Chip Integration Technology Corporation
DFN1006
(Top View)
Features
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD) ±30kV (Air)
±30kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
Package optimized for high-speed lines
Ultra-small package (1.0mm x 0.6mm x 0.55mm)
Protects one data, control or power line
Low capacitance: 12pF (Typical)
Low leakage current: 0.1 uA@V
(Typical)
RWM
Low clamping voltage
Each I/O pin can withstand over 1000 ESD
strikes for ±8 kV contact discharge
Description
T0501MB is a low-capacitance Transient Voltage
Suppressor (TVS) desigend to provide electrostatic
discharge (ESD) protection for data, control or power
line. With typical capacitance of 12pF only,
systems against over-voltage and over-current
transient events. It complies with IEC 61000-4-2
(ESD), Level 4 (±15 kV air, ±8 kV contact discharge),
IEC 61000-4-4 (electrical fast transient - EFT) (40A,
5/50 ns), very fast charged device model (CDM) ESD
and cable discharge event (CDE), etc.
system designers flexibility to protect single data line
where space is a premium concern.
Applications
Portable Electronics
Desktops, Servers and Notebooks
Cellular Phones
MP3 Ports
Digital Camera Ports
Subscriber Identity Module (SIM) card
Mechanical Characteristics
DFN1006 package
Flammability Rating: UL 94V-0
Marking: Part number, date code
Packaging: Tape and Reel
Circuit Diagram
I/O_1
I/O_2
Pin Configuration
T0501MB is designed to protect parasitic-sensitive
T0501MB uses ultra-small DFN1006 package. Each
T0501MB device can protect one data line. It offers
Document ID : DS-22V14
Revised Date : 2017/05/02
Revision : C


Similar Part No. - T0501MB

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
Low Capacitance ESD Protection Device
More results

Similar Description - T0501MB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC5V0LPB MCC-ESDLC5V0LPB Datasheet
320Kb / 3P
5V Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
Low Capacitance ESD Protection Device
T0534VL CITC-T0534VL Datasheet
838Kb / 9P
Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com