Electronic Components Datasheet Search
  English  ▼

X  

T0501MB Datasheet(PDF) 5 Page - Chip Integration Technology Corporation

Part # T0501MB
Description  Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501MB Datasheet(HTML) 5 Page - Chip Integration Technology Corporation

  T0501MB Datasheet HTML 1Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 2Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 3Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 4Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 5Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 6Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Tape and Reel Specification
W
P
P0
P2
Φ2: 1.55±0.05
E
F
A0
B0
K0
T
Top
Cover
Tape
3 REF
Device Orientation in Tape
Φ: 0.40±0.05
Symbol
W
A0
B0
K0
E
F
P
P0
P2
T
Dimensions
(mm)
8.00±0.1 0.7±0.05 1.15±0.05 0.55±0.05 1.75±0.1 3.5±0.05 2.0±0.1
4.0±0.1 2.0±0.05 0.2±0.05
o
Low Capacitance ESD Protection Device
T0501MB
Chip Integration Technology Corporation
Document ID : DS-22V14
Revised Date : 2017/05/02
Revision : C
R
W1
W
M
N
S
H
K
Symbol
Reel Size
M
N
W
W1
H
S
K
R
Dimensions
(mm)
Φ178
178.0 1.0
±
60.0±1.0 11.5 0.5
±
9.0 0.5
±
13.0 0.5
±
2.0 0.1
±
11.0 0.2
±
1.0 0.05
±
Pin1 Location



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com