Electronic Components Datasheet Search
  English  ▼

X  

CLC408ALC Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408ALC
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408ALC Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC408ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 9Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 10Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 11Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
Unity gain applications are limited by the Common-Mode
Input Range. At greater non-inverting gains, the Output
Voltage Range becomes the limiting factor.
Inverting
gain applications are limited by the Output Voltage
Range (and by the previous amplifier’s ability to drive
Rg). For transimpedance gain applications, the sum of
the input currents injected at the inverting input pin of
the op amp needs to be:
, where Vmax is the
Output Voltage Range (see the
DC Gain (transimpedance)
sub-section for details).
The equivalent output load needs to be large enough
so that the output current can produce the required out-
put voltage swing. See the
DC Design (output loading)
sub-section for details.
Dynamic Range (noise)
The output noise defines the lower end of the CLC408’s
useful dynamic range. Reduce the value of resistors in
the circuit to reduce noise.
See the App Note
Noise Design of CFB Op Amp
Circuits for more details. Our SPICE models support noise
simulations.
Dynamic Range (distortion)
The distortion plots in the
Typical Performance
Characteristics section show distortion as a function
of load resistance, frequency, and output amplitude.
Distortion places an upper limit on the CLC408’s
dynamic range.
The CLC408’s output stage combines a voltage buffer
with a complementary common emitter current source.
The interaction between the buffer and the current
source produces a small amount of crossover distortion.
This distortion mechanism dominates at low output swing
and low resistance loads. To avoid this type of distortion,
use the CLC408 at high output swing.
Realized output distortion is highly dependent upon the
external circuit.
Some of the common external circuit
choices that can improve distortion are:
s
Short and equal return paths from the load to
the supplies
s
De-coupling capacitors of the correct value
s
Higher load resistance
Printed Circuit Board Layout
High frequency op amp performance is strongly dependent
on proper layout, proper resistive termination and
adequate power supply decoupling. The most important
layout points to follow are:
s
Use a ground plane
s
Bypass power supply pins with:
s
monolithic capacitors of about 0.1
µF place
less than 0.1” (3mm) from the pin
s
tantalum capacitors of about 6.8
µF for
large signal current swings or improved
power supply noise rejection;
we recommend a minimum of 2.2
µF
for any circuit
s
Minimize trace and lead lengths for components
between the inverting and output pins
s
Remove ground plane underneath the amplifier
package and 0.1” (3mm) from all input/output pads
s
For prototyping, use flush-mount printed circuit
board pins;
never use high profile DIP sockets.
Evaluation Board
Separate evaluation boards are available for proto-typing
and measurements. Additional information is available in
the evaluation board literature.
SPICE Models
SPICE models provide a means to evaluate op amp
designs. Free SPICE models are available that:
s
Support Berkeley SPICE 2G and its many
derivatives
s
Reproduce typical DC, AC, Transient, and
Noise performance
s
Support room temperature simulations
The
readme file that accompanies the models lists the
released models, and provides a list of modeled
parameters.
The
application
note
Simulation
SPICE Models for Comlinear’s Op Amps
contains
schematics and detailed information.
The circuit shown in the
Typical Application schematic
on the front page operates as a full duplex cable driver
which allows simultaneous transmission and reception of
signals on one transmission line. The circuit on either
side of the transmission line uses the CLC408 as a cable
driver, and the CLC426 as a receiver. VoA is an attenuated
version of VinA, while VoB is an attenuated version of VinB.
Rm1 is used to match the transmission line. Rf2 and Rg2
set the DC gain of the CLC426, which is used in a differ-
ence mode. Rt2 provides good CMRR and DC offset. The
CLC408 is shown in a unity gain configuration because it
consumes the least power of any gain, for a given load.
For proper operation we need Rf2 = Rg2.
The receiver output voltages are:
where A is the attenuation of the cable, Zo(408)(jω) is the
output impedance of the CLC408 (see the
Closed-Loop
Output Resistance plot), and
|Zo(408)(jω)| << Rm1.
I
V
R
in
max
f
CLC408 Applications
VV
A
V
2
1
R
R
Z(j )
R
outA(B)
inA(B)
inB(A)
f2
g2
o(408)
m1
≈⋅ +
⋅ −
+
ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com