Electronic Components Datasheet Search
  English  ▼

X  

CLC408ALC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408ALC
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408ALC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC408ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 9Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 10Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 11Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
where GBWPU1 is the Gain-Bandwidth Product of
U1. As R3 is made larger, fUG becomes smaller. fUG
should be large enough so that U2’s 1/f noise does not
significantly impact the output noise.
Adjust R7 so that the gain at f << fUG matches the gain at
f >> fUG.
Precision Half-Wave Rectifier
Figure 8 shows a precision half-wave rectifier. When
Vin > 0, D1 is on and D2 is off. When Vin < 0, D1 is off and
D2 is on. The second amplifier (U2) buffers Vo from the
variable output impedance of the rectifier.
The output voltage is:
Figure 8: Precision Half-Wave Rectifier
Diodes D1 and D2 need to be Schottky or PIN diodes to
minimize delay.
Set R2 = R3 to the recommended feedback resistor value
for the gain Av = -R2/R1. R2 and R3 may need to be
increased slightly to compensate for the delays through
D1 and D2.
Set R6 to the recommended feedback resistor value for
the gain Av = (1 + R6/R5).
R4 is an optional resistor; it helps isolate U2’s input from
the changing output impedance of U1.
Other configurations are possible:
1) Connect U2’s input between R3 and D2 so that
Vo ≠ 0 for Vin < 0.
2) Use an inverting gain configuration for U2 to
change the polarity of Vo.
Pick the combination that best suits your needs.
R3
-
+
CLC408
CLC408
R1
Vin
R6
+
-
R2
R4
U1
U2
Vo
D2
D1
R5
V
0, V
0
R
R
1
R
R
V, V
0
o
in
2
1
6
5
in
in
=
<
−⋅ +


⋅>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com