Electronic Components Datasheet Search
  English  ▼

X  

CLC408ALC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408ALC
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408ALC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC408ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 9Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 10Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 11Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
We selected the component values as follows:
s
Rf1 = 3.0kΩ, for unity gain of the CLC408
s
Rm1 = Zo = 50Ω, the characteristic impedance
of the transmission line
s
Rf2 = Rg2 = 100Ω ≥ Rm1, the recommended
value for the CLC426 at Av = 2
s
These values give excellent isolation from the other input:
The CLC408 provides large output current drive, while
consuming little supply current, at the nominal bias
point. It also produces low distortion with large signal
swings and heavy loads. These features make the
CLC408 an excellent choice for driving transmission
lines. The CLC426 was used as the receiver because
it has good high frequency CMRR.
Precision, Low 1/f Noise Composite Amplifier
The circuit in Figure 7 has the DC precision and low-
frequency performance of U1, and the high-frequency
performance of U2. This means that the 1/f noise
performance is dominated by U1, not U2. Vin needs to
be a low impedance source to minimize the impact of
U2’s non-inverting bias current (IBN) and current noise
(ibn). R1 is an optional resistor that terminates the
source. The potentiometer R7 allows the gain at low
frequencies to be manually matched to the gain at high
frequencies.
Figure 7: Precision, Low-Noise Composite Amplifier
U1 needs to be an op amp with the following features:
voltage-feedback, low bandwidth (compared to U2),
low
DC
offsets
and
low
1/f
noise.
National
Semiconductor’s OP-07 meets all of these requirements.
U2 is a high-frequency op amp that meets your high-
frequency requirements. This application circuit will
assume a current-feedback op amp (the CLC408) for
U2. This circuit also works well when U2 is a high-
frequency, voltage-feedback op amp (such as the
CLC425 or CLC428).
The transfer function is:
where AU1(jω) is the open-loop voltage gain of U1, and
ZU2(jω) is the open-loop transimpedance gain of U2.
The approximations hold when the bandwidth of U1 is
much less than the bandwidth of U2. Now the gain of
the composite amplifier can be selected:
Av must be within the stable gain range of U1.
Make R2, R6 and R7 small so that they produce little
thermal noise, but large enough to not overload the
output of U2. Minimize the input offset voltage by
making R2 = (R6 || R7):
, the value for gain flatness
The potentiometer should have a maximum value
about double the value calculated for R7. Use a
potentiometer with multiple turn capability, and low
parasitics. Replace R7 with a resistor when AC gain
and step response flatness are not a concern.
Set R5 to the recommended feedback resistor value for
the CLC408 at a gain of Av.
Select R3 and R4 so that the high-frequency gain is
correct, and so that any change in output impedance of
U1 has a minimal impact:
The selection of R3 and R4 affects the frequency where
U2 starts to dominate the performance of the composite
amplifier. This frequency is approximately:
R(R
||R
) –
R
2
25
t2
f2
g2
m1
==
V
V
38dB, f
5.0MHz
oA(B)
inB(A)
≈−
=
-
+
OP-07
CLC408
R2
Vin
R5
+
-
U1
U2
Vo
R4
RL
R3
R1
R6
R7
V
V
1
R
R
R
R
A(j )
R
R
1
R
Z(j )
A(j )
R
R
R
RR
1
R
R
,A
(j )
1
1
R
R
R
R
1
R
Z(j )
,
o
in
5
3
5
4
U1
5
3
5
U2
U1
5
3
7
67
5
3
U1
5
3
5
4
5
U2
=
++


+⋅


+


+⋅
+


≈+
>>
++
+
ω
ω
ω
ω
ω
A
A(j )
1
U1 ω<<
A1
R
R
1
R
R
R
R
V
6
7
5
3
5
4
=+
=+
+
R
R
1
R
R
A
1
R
R
3
4
3
5
v
3
4
>>
=⋅ +


f
R
R
R
RR
GBWP
UG
5
3
7
67
U1
≈⋅
+
RA R
R
R
A1
6
v
2
7
6
v
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com