Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices AD7626 Datasheet HTML 12Page - Analog Devices AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices AD7626 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 13 of 29
92.0
90.0
90.2
90.4
90.6
90.8
91.0
91.2
91.4
91.6
91.8
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
Figure 17. SNR vs. Temperature (−0.5 dB, 20 kHz Input Tone)
0.35
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
–6
–4
–2
0
2
4
6
INPUT COMMON-MODE VOLTAGE (V)
+INPUT CURRENT
–INPUT CURRENT
Figure 18. Input Current (IN+, IN−) vs. Differential Input Voltage (10 MSPS)
–103.0
–107.0
–106.5
–106.0
–105.5
–105.0
–104.5
–104.0
–103.5
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
Figure 19. THD vs. Temperature (−0.5 dB, 20 kHz Input Tone)
92.0
90.0
90.2
90.4
90.6
90.8
91.0
91.2
91.4
91.6
91.8
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
Figure 20. SINAD vs. Temperature (−0.5 dB, 20 kHz Input Tone)
7
6
5
4
3
2
1
0
–1
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
ZERO ERROR
GAIN ERROR
Figure 21. Zero Error and Gain Error vs. Temperature
CODE (HEX)
0
54
30,651
201,320
30,073
46
0
0
50,000
100,000
150,000
200,000
250,000
FEC7
FEC8
FEC9
FECA
FECB
FECC
FECD
262,144 SAMPLES
STD DEVIATION = 0.4829
Figure 22. Histogram of 262,144 Conversions of a DC Input
at the Code Center (Internal Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com