Electronic Components Datasheet Search
  English  ▼

X  

CS61577-IL1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CS61577-IL1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IL1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CS61577-IL1 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LEN0, LEN1, LEN2 - Line Length Selection, Pins 23, 24 and 25. (Hardware and Extended
Hardware Modes)
Determines the shape and amplitude of the transmitted pulse to accommodate several cable types
and lengths. See Table 3 for information on line length selection. Also controls the receiver
slicing level and the line code in Extended Hardware Mode.
LLOOP - Local Loopback, Pin 27. (Hardware and Extended Hardware Modes)
Setting LLOOP to a logic 1 routes the transmit clock and data through the jitter attenuator to the
receive clock and data pins. TCLK and TPOS/TNEG (or TDATA) are still transmitted unless
overridden by a TAOS request. Inputs on RTIP and RRING are ignored.
MODE - Mode Select, Pin 5.
Driving the MODE pin high puts the line interface in the Host Mode. In the host mode, a serial
control port is used to control the line interface and determine its status. Grounding the MODE
pin puts the line interface in the Hardware Mode, where configuration and status are controlled
by discrete pins. Floating the MODE pin or driving it to +2.5 Vselects the Extended Hardware
Mode, where configuration and status are controlled by discrete pins. When floating MODE,
there should be no external load on the pin. MODE defines the status of 13 pins (see Table 2).
PCS - Parallel Chip Select, Pin 18. (Extended Hardware Mode)
Setting PCS high causes the line interface to ignore the TCODE, RCODE, LEN0, LEN1, LEN2,
RLOOP, LLOOP and TAOS inputs.
RCODE - Receiver Decoder Select, Pin 17. (Extended Hardware Mode)
Setting RCODE low enables B8ZS or HDB3 zero substitution in the receiver decoder. Setting
RCODE high enables the AMI receiver decoder (see Table 8).
RLOOP - Remote Loopback, Pin 26. (Hardware and Extended Hardware Modes)
Setting RLOOP to a logic 1 causes the recovered clock and data to be sent through the jitter
attenuator (if active) and through the driver back to the line. The recovered signal is also sent to
RCLK and RPOS/RNEG (or RDATA). Any TAOS request is ignored. In the Host Mode,
simultaneous selection of RLOOP & TAOS enables a factory test mode.
Simultaneously taking RLOOP and LLOOP high for at least 200 ns initiates a device reset.
SCLK - Serial Clock, Pin 27. (Host Mode)
Clock used to read or write the serial port registers. SCLK can be either high or low when the line
interface is selected using the CS pin.
SDI - Serial Data Input, Pin 24. (Host Mode)
Data for the on-chip register. Sampled on the rising edge of SCLK.
SDO - Serial Data Output, Pin 25. (Host Mode)
Status and control information from the on-chip register. If CLKE is high SDO is valid on the
rising edge of SCLK. If CLKE is low SDO is valid on the falling edge of SCLK. This pin goes to
a high-impedance state when the serial port is being written to or after bit D7 is output.
CS61577
22
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com