Electronic Components Datasheet Search
  English  ▼

X  

CS61577-IL1 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # CS61577-IL1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IL1 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button CS61577-IL1 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
R16
1k
Ω
8
RCLK
2
TCLK
3
TPOS
(TDATA)
6
RNEG
(BPV)
Pin 3
TCLK
RCLK
Pin 6
4
TNEG
7
RPOS
(RDATA)
1
ACLKI
Pin 7
ACLKI
R1 51.1
Ω
Pin 4
S2
R15
100
Ω
RV+
RV+
Q1
2N2222
R6
470
Ω
LED
D3
RV+
Q2
2N2222
R5
470
Ω
LED
D2
JP1
D9
1N914
D8
R14
4.7kW
SIP
RV+
LOS
DPM
(AIS)
MODE
R18
10k W
R17
10k W
511
12
23
24
25
26
27
28
LEN1/SDI
LEN2/SD0
LLOOP/SCLK
TAOS/CLKE
TCODE
RLOOP/CS
SDI
SDO
SCLK
INT
CS
LEN0/INT
S1
RESET
MODE
SW1
R4
221kW
A
A
BB
DD
C
C
JP4
JP2
RCODE
C4 0.047mF
3
6
87
5
1
2
4
HOST:3-1,6-8
EXT HW: 3-2, 6-7
HW: 3-4, 6-5
18
TRING
TTIP
0.47 mF
C5
TRING
TTIP
+5V
22
14
15
RV+
TV+
TGND
RGND
D10
P6KE
21
T1
(see Table 2)
17
C2
0.1mF
C1
68mF
19
RTIP
RRING
RRING
RTIP
20
JP8
R2
4.4W
C3
1 mF
RV+
RCLK
TCLK
RNEG (BPV)
ACLKI
LEN1 [SDI]
LEN2 [SD0]
LLOOP [SCLK]
TAOS [CKLE]
XTALIN
{CS6158/58A: RT}
XTALOUT
{CS6158/58A: NC}
LOS
DPM (AIS)
MODE
13
16
AA
AA
B
B
BB
RTIP
RRING
TRING
Pin 17
Pin 18
9
10
TTIP
RV+
R13 (only included for CS6158/58A)
1kW
(Used only for E1 75W
applications with the CS61534,
CS61535, CS6158, CS61574,
OR CS61577)
CS61534, CS61535,
CS61535A, CS6158,
CS6158A, CS61574,
CS61574A, CS61575,
CS61577, CS61304A,
OR CS61305A
U1:
F
F
E
E
Prototyping
Area
RV+
LEN0 [INT]
RLOOP [CS]
MRING (PCS)
RPOS (RDATA)
TPOS (TDATA)
MTIP (RCODE)
JP6
JP7
JP5
E1: CXT8192
T1: CXT6176
(not included for CS6158/58A)
+
TNEG (TCODE)
U1
R9
200W
R10
200W
T2
(see Table 2)
2:1
GND
(0V)
Change R9 and R10 for E1 operation
Figure 1. Evaluation Board Schematic
LINE INTERFACE EVALUATION BOARD
DS40DB3
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com