Electronic Components Datasheet Search
  English  ▼

X  

CS61577-IL1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CS61577-IL1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IL1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CS61577-IL1 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Transmit All Ones Select
The transmitter provides for all ones insertion at
the frequency of TCLK. Transmit all ones is se-
lected when TAOS goes high, and causes
continuous ones to be transmitted on the line
(TTIP and TRING). In this mode, the TPOS and
TNEG (or TDATA) inputs are ignored. If Remote
Loopback is in effect, any TAOS request will be
ignored.
Receiver
The receiver extracts data and clock from an AMI
(Alternate Mark Inversion) coded signal and out-
puts clock and synchronized data. The receiver is
sensitive to signals over the entire range of
ABAM cable lengths and requires no equalization
or ALBO (Automatic Line Build Out) circuits.
The signal is received on both ends of a center-
tapped, center-grounded transformer. The
transformer is center tapped on the IC side. The
clock and data recovery circuit exceeds the jitter
tolerance specifications of Publications 43802,
43801, AT&T 62411, TR-TSY-000170, and
CCITT REC. G.823.
A block diagram of the receiver is shown in Fig-
ure 10. The two leads of the transformer (RTIP
and RRING) have opposite polarity allowing the
receiver to treat RTIP and RRING as unipolar sig-
nals. Comparators are used to detect pulses on
RTIP and RRING. The comparator thresholds are
dynamically established at a percent of the peak
level (50% of peak for E1, 65% of peak for T1;
with the slicing level selected by LEN2/1/0 in-
puts).
The leading edge of an incoming data pulse trig-
gers the clock phase selector. The phase selector
chooses one of the 13 available phases which the
delay line produces for each bit period. The out-
269 ns
244 ns
194 ns
219 ns
488 ns
Nominal Pulse
0
10
50
80
90
100
110
120
-10
-20
Percent of
nominal
peak
voltage
Figure 9. Mask of the Pulse at the 2048 kbps Interface
For c oax ia l c abl e,
75
Ω
l oad
and
transformer specified
in Application Section.
For shielded twisted
pair, 120
Ω load and
transformer specified
in Application Section.
Nominal peak voltage of a mark (pulse)
2.37 V
3 V
Peak voltage of a space (no pulse)
0
±0.237 V
0
±0.30 V
Nominal pulse width
244 ns
Ratio of the amplitudes of positive and negative
pulses at the center of the pulse interval
0.95 to 1.05*
Ratio of the widths of positive and negative
pulses at the nominal half amplitude
0.95 to 1.05*
* When configured with a 0.47
µF nonpolarized capacitor in series with the TX transformer
primary as shown in Figures A1, A2 and A3.
Table 4. CCITT G.703 Specifications
CS61577
DS155PP2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com