Electronic Components Datasheet Search
  English  ▼

X  

AD9251 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9251
Description  1.8 V Dual Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9251 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9251 Datasheet HTML 12Page - Analog Devices AD9251 Datasheet HTML 13Page - Analog Devices AD9251 Datasheet HTML 14Page - Analog Devices AD9251 Datasheet HTML 15Page - Analog Devices AD9251 Datasheet HTML 16Page - Analog Devices AD9251 Datasheet HTML 17Page - Analog Devices AD9251 Datasheet HTML 18Page - Analog Devices AD9251 Datasheet HTML 19Page - Analog Devices AD9251 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
AD9251
Rev. A | Page 15 of 36
AD9251-65
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS
disabled, unless otherwise noted.
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
15
18
21
24
27
30
FREQUENCY (MHz)
4
3
5
6
2
65MSPS
9.7MHz @ –1dBFS
SNR = 73.5dB (74.5dBFS)
SFDR = 97.7dBc
Figure 18. Single-Tone FFT with fIN = 9.7 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
15
18
21
24
27
30
FREQUENCY (MHz)
4
3
5
6
2
65MSPS
70.3MHz @ –1dBFS
SNR = 72.6dB (73.6dBFS)
SFDR = 94.1dBc
Figure 19. Single-Tone FFT with fIN = 70.3 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
3
6
9
12
15
18
21
24
27
30
FREQUENCY (MHz)
65MSPS
30.5MHz @ –1dBFS
SNR = 73.3dB (74.3dBFS)
SFDR = 99.3dBc
4
3
5
6
2
Figure 20. Single-Tone FFT with fIN = 30.5 MHz
120
SNR
SNRFS
SFDR
SFDRFS
100
80
60
40
20
0
–90
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
Figure 21. SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 22. SNR/SFDR vs. Input Frequency (AIN) with
2 V p-p Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com