Electronic Components Datasheet Search
  English  ▼

X  

AD9251 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9251
Description  1.8 V Dual Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9251 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9251 Datasheet HTML 29Page - Analog Devices AD9251 Datasheet HTML 30Page - Analog Devices AD9251 Datasheet HTML 31Page - Analog Devices AD9251 Datasheet HTML 32Page - Analog Devices AD9251 Datasheet HTML 33Page - Analog Devices AD9251 Datasheet HTML 34Page - Analog Devices AD9251 Datasheet HTML 35Page - Analog Devices AD9251 Datasheet HTML 36Page - Analog Devices AD9251 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD9251
Data Sheet
Rev. B | Page 32 of 36
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 16 are not currently supported for this device.
Table 16.
Address
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
(global)
0
LSB
first
Soft reset
1
1
Soft
reset
LSB first
0
0x18
The nibbles are
mirrored so
that LSB- or
MSB-first mode
registers
correctly,
regardless of
shift mode
0x01
Chip ID (global)
8-bit chip ID bits [7:0]
AD9251 = 0x23
Unique chip ID
used to diffe-
rentiate
devices; read
only
0x02
Chip grade
(global)
Open
Speed grade ID 6:4
20 MSPS = 000
40 MSPS = 001
65 MSPS = 010
80 MSPS = 011
Open
Unique speed
grade ID used
to differentiate
devices; read
only
Device Index and Transfer Registers
0x05
Channel index
Open
Open
Open
Open
Open
Open
ADC B
default
ADC A
default
0x03
Bits are set to
determine
which device
on chip
receives the
next write
command; the
default is all
devices on chip
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchronously
transfers data
from the
master shift
register to the
slave
Program Registers (May or May Not Be Indexed by Device Index)
0x08
Modes
External
power-
down
enable
(local)
External pin function
0x00 full power-
down
0x01 standby
(local)
Open
Open
00 = chip run
01 = full power-
down
10 = standby
11 = chip wide
digital reset
(local)
0x80
Determines
various generic
modes of chip
operation
0x09
Clock (global)
Open
Open
Open
Open
Open
Duty
cycle
stabilize
0x00
0x0B
Clock divide
(global)
Open
Clock divider [2:0]
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
The divide ratio
is the value
plus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com