Electronic Components Datasheet Search
  English  ▼

X  

CY2213 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2213
Description  High-Frequency Programmable PECL Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2213 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2213 Datasheet HTML 2Page - Cypress Semiconductor CY2213 Datasheet HTML 3Page - Cypress Semiconductor CY2213 Datasheet HTML 4Page - Cypress Semiconductor CY2213 Datasheet HTML 5Page - Cypress Semiconductor CY2213 Datasheet HTML 6Page - Cypress Semiconductor CY2213 Datasheet HTML 7Page - Cypress Semiconductor CY2213 Datasheet HTML 8Page - Cypress Semiconductor CY2213 Datasheet HTML 9Page - Cypress Semiconductor CY2213 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY2213
Document #: 38-07263 Rev. *E
Page 8 of 10
Figure 12 shows the definition of cycle-to-cycle duty cycle
error. Cycle-to-cycle duty cycle error is defined as the
difference between high-times of adjacent cycles over many
cycles (typically 12800 cycles at 400 MHz). Equal require-
ments apply to the low-times. tDC,ERR is defined as the clock
output cycle-to-cycle duty cycle error.
Figure 13 shows the definition of long-term jitter error.
Long-term jitter is defined as the accumulated timing error over
many cycles (typically 12800 cycles at 400 MHz). It applies to
both rising and falling edges. tJLT is defined as the long-term
jitter.
tCYCLE
tJP = tCYCLE,max – tCYCLE, min. over many cycles
CLK
CLKB
Figure 10. Period Jitter
tCYCLE,i
tJC = tCYLCE,i – tCYCLE,i+1 over many consecutive cycles
CLK
CLKB
tCYCLE, i+1
Figure 11. Cycle-to-cycle Jitter
tPW+,i
tDC,ERR = tPW+,i – tPW+,i+1 over many consecutive cycles
CLK
CLKB
tPW+,i+1
tCYCLE,i+1
tCYCLE, i+1
Cycle i
Cycle i+1
Figure 12. Cycle-to-cycle Duty Cycle Error
tJLT = tmax – tmin over many cycles
CLK
CLKB
tmin
tmax
Figure 13. Long-term Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com