Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 118AHT
Description  Aluminum Electrolytic Capacitors Axial High Temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

118AHT Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 118AHT Datasheet HTML 2Page - Vishay Siliconix 118AHT Datasheet HTML 3Page - Vishay Siliconix 118AHT Datasheet HTML 4Page - Vishay Siliconix 118AHT Datasheet HTML 5Page - Vishay Siliconix 118AHT Datasheet HTML 6Page - Vishay Siliconix 118AHT Datasheet HTML 7Page - Vishay Siliconix 118AHT Datasheet HTML 8Page - Vishay Siliconix 118AHT Datasheet HTML 9Page - Vishay Siliconix 118AHT Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
118 AHT
www.vishay.com
Vishay BCcomponents
Revision: 20-Apr-17
6
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
Note
• For applications at ambient temperatures of
 85 °C, the rated voltage (U
R) may be raised to UR2.
CAPACITANCE
Fig. 5 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 6 - Typical multiplier of capacitance
as a function of ambient temperature
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.006 CR x UR + 4 μA or 20 μA
(whichever is greater)
After 5 min at UR
IL5  0.002 CR x UR + 4 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
6.5 x 18
Typ. 15 nH
-
8 x 18
Typ. 35 nH
-
10 x 18
Typ. 69 nH
-
10 x 25
Typ. 38 nH
-
10 x 30
Typ. 38 nH
-
12.5 x 30
Typ. 46 nH
-
15 x 30
Typ. 48 nH
Typ. 39 nH
18 x 30
Typ. 50 nH
Typ. 39 nH
18 x 38
Typ. 54 nH
Typ. 39 nH
21 x 38
Typ. 59 nH
Typ. 39 nH
UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE
SYMBOL
CONDITIONS
VALUES
UNIT
UR
Tamb > 85 °C to 125 °C
6.3
10
16
25
40
63
100
200
V
UR2
Tamb  85 °C
10
16
25
40
63
100
125
250
V
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
C0 = Capacitance at 20 °C, 100 Hz
T
amb (°C)
1
-50
0
50
100
10
10
ESR
0
ESR
1
2
2
10
-1
Curve 1: 63 V
Curve 2: 6.3 V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-60
-40
-20
0
20
40
60
80
100 120 140 160
C
C
0
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
C
0 = Capacitance at 20 °C, 100 Hz
T
amb (°C)
3
4
4
1
2
1
Curve 1: 100 V; 200 V
Curve 2: 40 V; 63 V
Curve 3: 16 V; 25 V
Curve 4: 6.3 V; 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com