Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 118AHT
Description  Aluminum Electrolytic Capacitors Axial High Temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

118AHT Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 118AHT Datasheet HTML 3Page - Vishay Siliconix 118AHT Datasheet HTML 4Page - Vishay Siliconix 118AHT Datasheet HTML 5Page - Vishay Siliconix 118AHT Datasheet HTML 6Page - Vishay Siliconix 118AHT Datasheet HTML 7Page - Vishay Siliconix 118AHT Datasheet HTML 8Page - Vishay Siliconix 118AHT Datasheet HTML 9Page - Vishay Siliconix 118AHT Datasheet HTML 10Page - Vishay Siliconix 118AHT Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
118 AHT
www.vishay.com
Vishay BCcomponents
Revision: 20-Apr-17
7
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical multiplier of capacitance
as a function of frequency
Fig. 8 - Typical multiplier of capacitance
as a function of frequency
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 9 - Typical multiplier of ESR
as a function of ambient temperature
Fig. 10 - Typical multiplier of ESR
as a function of ambient temperature
Fig. 11 - Typical multiplier of ESR
as a function of frequency
Fig. 12 - Typical multiplier of ESR
as a function of frequency
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
C
0 = Capacitance at 20 °C, 100 Hz
0
10
5
10
4
10
3
10
2
10
f (Hz)
0.2
0.4
0.6
0.8
1.0
1.2
1
4
5
6
7
C
C
0
2
3
Curve 1: 63 V to 200 V (< 15 µF)
Curve 2: 63 V; 100 V (< 15 µF)
Curve 3: 40 V
Curve 4: 25 V
Curve 5: 16 V
Curve 6: 10 V
Curve 7: 6.3 V
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
C
0 = Capacitance at 20 °C, 100 Hz
0.5
10
4
10
3
10
2
10
f (Hz)
0.6
0.7
0.8
0.9
1.0
1.1
1
C
C
0
1
2
3
4
5
6
7
8
Curve 1: 200 V
Curve 2: 100 V
Curve 3: 63 V
Curve 4: 40 V
Curve 5: 25 V
Curve 6: 16 V
Curve 7: 10 V
Curve 8: 6.3 V
8
T
amb (°C)
1
10
10
2
ESR
0
ESR
10
-1
0150
50
100
-50
-100
1
2
3
Curve 1: 100 V; 200 V
Curve 2: 25 V; 40 V; 63 V
Curve 3: 6.3 V; 10 V; 16 V
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
ESR
0 = Typical at 20 °C, 100 Hz
T
amb (°C)
1
10
10
2
ESR
0
ESR
10
-1
0150
50
100
-50
-100
3
1
2
1
2
3
Curve 1: 6.3 V to 10 V; 16 V
Curve 2: 25 V; 40 V; 63 V
Curve 3: 100 V; 200 V
Case Ø D x L = 18 mm x 30 mm to 21 mm x 38 mm
ESR
0 = Typical at 20 °C, 100 Hz
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
ESR
0 = Typical at 20 °C, 100 Hz
0
10
5
10
4
10
3
10
2
10
f (Hz)
0.4
0.8
1.2
1.6
2.0
3
ESR
0
ESR
4
2
1
2
3
4
1
3
Curve 1: 63 V to 100 V (< 15 µF)
Curve 2: 40 V
Curve 3: 25 V
Curve 4: 6.3 V; 10 V; 16 V
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
ESR
0 = Typical at 20 °C, 100 Hz
0
10
5
10
4
10
3
10
2
10
f (Hz)
0.4
0.8
1.2
1.6
3
2
ESR
0
ESR
5
4
1
1
2
3
4
5
Curve 1: 200 V
Curve 2: 100 V
Curve 3: 40 V; 63 V
Curve 4: 16 V; 25 V
Curve 5: 6.3 V; 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com