Electronic Components Datasheet Search
  English  ▼

X  

118AHT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 118AHT
Description  Aluminum Electrolytic Capacitors Axial High Temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

118AHT Datasheet(HTML) 1 Page - Vishay Siliconix

  118AHT Datasheet HTML 1Page - Vishay Siliconix 118AHT Datasheet HTML 2Page - Vishay Siliconix 118AHT Datasheet HTML 3Page - Vishay Siliconix 118AHT Datasheet HTML 4Page - Vishay Siliconix 118AHT Datasheet HTML 5Page - Vishay Siliconix 118AHT Datasheet HTML 6Page - Vishay Siliconix 118AHT Datasheet HTML 7Page - Vishay Siliconix 118AHT Datasheet HTML 8Page - Vishay Siliconix 118AHT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
118 AHT
www.vishay.com
Vishay BCcomponents
Revision: 20-Apr-17
1
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Axial High Temperature
Fig. 1
FEATURES
• Polarized
aluminum
electrolytic
capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated
with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 mm x 30 mm available for
automatic insertion
• Charge and discharge proof
• Extra long useful life: up to 8000 h at 125 °C, high
reliability
• Extended temperature range: 125 °C
(usable up to
150 °C)
• Miniaturized, high CV-product per unit volume
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive, industrial and telecommunication
• Smoothing, filtering, coupling, decoupling, timing
• For use after very long storage (10 years) without voltage
applied
• Portable and mobile equipment (small size, low mass)
• Low mounting height boards, vibration and shock
resistant
• Outdoor applications, e.g. aerial amplifiers
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V) at 125 °C and 85 °C
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Negative terminal identification
• Series number (118)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
6.5 x 18
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
4.7 μF to 10 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 200 V
Category temperature range
-40 °C to
+125 °C
-55 °C to
+125 °C
Endurance test at 150 °C
(6.3 V to 100 V)
500 h
500 h
Endurance test at 125 °C
2000 h
3000 h
Useful life at 125 °C
4000 h
8000 h
Useful life at 40 °C,
1.8 x IR applied
500 000 h
1 000 000 h
Shelf life at 0 V, 125 °C:
UR = 6.3 V to 63 V
500 h
UR = 100 V and 200 V
100 h
Based on sectional
specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
40 / 125 / 56
55 / 125 / 56
118 AHT
125 °C
125 °C
138 AML
high ripple,
low impedance
105 °C
120 ATC
very high
ripple
119 AHT-DIN


Similar Part No. - 118AHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118AHT ETC-118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
Aluminum Capacitors Axial High Temperature
30-May-08
118AHT VISHAY-118AHT Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
More results

Similar Description - 118AHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
Aluminum electrolytic capacitors Axial High Temperature
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
30-Jun-2020
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature
20-Apr-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
09-Jan-17
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
04-Mar-2020
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
20-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com