Electronic Components Datasheet Search
  English  ▼

X  

HAL501 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # HAL501
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL501 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button HAL501 Datasheet HTML 36Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 37Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 38Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 39Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 40Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 41Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 42Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 43Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
HAL5xx
40
Micronas
5. Application Notes
5.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ∆T
At static conditions, the following equation is valid:
∆T = IDD * VDD * Rth
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
TAmax = TJmax – ∆T
5.2. Extended Operating Conditions
All sensors fulfill the electrical and magnetic characteris-
tics when operated within the Recommended Operating
Conditions (see page 7).
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V has not
been tested. For special test conditions, please contact
Micronas.
5.3. Start-up Behavior
Due to the active offset compensation, the sensors have
an initialization time (enable time ten(O)) after applying
the supply voltage. The parameter ten(O) is specified in
the Electrical Characteristics (see page 8).
During the initialization time, the output state is not de-
fined and the output can toggle. After ten(O), the output
will be low if the applied magnetic field B is above BON.
The output will be high if B is below BOFF. In case of sen-
sors with an inverted switching behavior (HAL 516 ...
HAL 519), the output state will be high if B > BOFF and low
if B < BON.
For magnetic fields between BOFF and BON, the output
state of the HAL sensor after applying VDD will be either
low or high. In order to achieve a well-defined output
state, the applied magnetic field must be above BONmax,
respectively, below BOFFmin.
5.4. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see figures 5–1). The series resistor
and the capacitor should be placed as closely as pos-
sible to the HAL sensor.
Applications with this arrangement passed the EMC
tests according to the product standards DIN 40839.
Note: The international standard ISO 7637 is similar to
the used product standard DIN 40839.
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
OUT
GND
3
2
1VDD
4.7 nF
VEMC
VP
RV
220
Ω
RL
1.2 k
Ω
20 pF
Fig. 5–1: Test circuit for EMC investigations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com