Electronic Components Datasheet Search
  English  ▼

X  

HAL501 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HAL501
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL501 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HAL501 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
HAL5xx
7
Micronas
3.4. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–15
281)
V
–VP
Test Voltage for Supply
1
–242)
–
V
–IDD
Reverse Supply Current
1
–
501)
mA
IDDZ
Supply Current through
Protection Device
1
–2003)
2003)
mA
VO
Output Voltage
3
–0.3
281)
V
IO
Continuous Output On Current
3
–
501)
mA
IOmax
Peak Output On Current
3
–
2503)
mA
IOZ
Output Current through
Protection Device
3
–2003)
2003)
mA
TS
Storage Temperature Range5)
–65
150
°C
TJ
Junction Temperature Range
–40
–40
150
1704)
°C
1) as long as TJmax is not exceeded
2) with a 220
Ω series resistance at pin 1 corresponding to the test circuit on page 40
3) t<2 ms
4) t<1000h
5) Components stored in the original packaging should provide a shelf life of at least 12 months, starting from the
date code printed on the labels, even in environments as extreme as 40
°C and 90% relative humidity.
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
3.8
24
V
IO
Continuous Output On Current
3
0
20
mA
VO
Output Voltage
(output switched off)
3
0
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com