Electronic Components Datasheet Search
  English  ▼

X  

HAL501 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # HAL501
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL501 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button HAL501 Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 15Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 16Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 17Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 18Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 19Page - List of Unclassifed Manufacturers HAL501 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
HAL502
16
Micronas
4.2. HAL 502
The HAL 502 is the most sensitive latching sensor of this
family (see Fig. 4–5).
The output turns low with the magnetic south pole on the
branded side of the package and turns high with the
magnetic north pole on the branded side. The output
does not change if the magnetic field is removed. For
changing the output state, the opposite magnetic field
polarity must be applied.
For correct functioning in the application, the sensor re-
quires both magnetic polarities (north and south) on the
branded side of the package.
Magnetic Features:
– switching type: latching
– high sensitivity
– typical BON: 2.6 mT at room temperature
– typical BOFF: –2.6 mT at room temperature
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is –1000 ppm/K
Applications
The HAL 502 is the optimal sensor for all applications
with alternating magnetic signals and weak magnetic
amplitude at the sensor position such as:
– applications with large airgap or weak magnets,
– rotating speed measurement,
– commutation of brushless DC motors,
– CAM shaft sensors, and
– magnetic encoders.
Fig. 4–5: Definition of magnetic switching points for
the HAL 502
BHYS
Output Voltage
0
BOFF
BON
VOL
VO
B
Magnetic Characteristics at TJ = –40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
–40
°C
1
2.8
5
–5
–2.8
–1
4.5
5.6
7.2
0
mT
25
°C
1
2.6
4.5
–4.5
–2.6
–1
4.5
5.2
7
–1.5
0
1.5
mT
100
°C
0.95
2.5
4.4
–4.4
–2.5
–0.95
4
5
6.8
0
mT
140
°C
0.9
2.4
4.3
–4.3
–2.4
–0.9
3.7
4.8
6.8
0
mT
170
°C
0.9
2.3
4.3
–4.3
–2.3
–0.9
3.5
4.6
6.8
0
mT
The hysteresis is the difference between the switching points BHYS = BON – BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com