Electronic Components Datasheet Search
  English  ▼

X  

AD9212-65EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9212-65EBZ
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212-65EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9212-65EBZ Datasheet HTML 43Page - Analog Devices AD9212-65EBZ Datasheet HTML 44Page - Analog Devices AD9212-65EBZ Datasheet HTML 45Page - Analog Devices AD9212-65EBZ Datasheet HTML 46Page - Analog Devices AD9212-65EBZ Datasheet HTML 47Page - Analog Devices AD9212-65EBZ Datasheet HTML 48Page - Analog Devices AD9212-65EBZ Datasheet HTML 49Page - Analog Devices AD9212-65EBZ Datasheet HTML 50Page - Analog Devices AD9212-65EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 46 of 56
GND
GND
GND
GND
OPTIONAL
CR702
GREEN
MCLR/GP3
CR701
GREEN
1
1
0
Ω
R709
R708
0
Ω
0
Ω
0
Ω
R706
2
4
6
8
10
9
7
5
3
1
R707
0.1µF
C703
2
C702
0.1µF
PICVCC
GP1
GP0
MCLR/GP3
PICVCC
GP0
CSB1_CHA
SCLK_CHA
SDI_CHA
GP1
SDO_CHA
Figure 80. Evaluation Board Schematic, Power Supply Inputs and SPI Interface Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com