Electronic Components Datasheet Search
  English  ▼

X  

AD9212-65EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9212-65EBZ
Description  Serial LVDS, 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212-65EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9212-65EBZ Datasheet HTML 49Page - Analog Devices AD9212-65EBZ Datasheet HTML 50Page - Analog Devices AD9212-65EBZ Datasheet HTML 51Page - Analog Devices AD9212-65EBZ Datasheet HTML 52Page - Analog Devices AD9212-65EBZ Datasheet HTML 53Page - Analog Devices AD9212-65EBZ Datasheet HTML 54Page - Analog Devices AD9212-65EBZ Datasheet HTML 55Page - Analog Devices AD9212-65EBZ Datasheet HTML 56Page - Analog Devices AD9212-65EBZ Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 52 of 56
Item
Qty
per
Board
Reference
Designator
Device
Package
Value
Manufacturer
Manufacturer
Part Number
8
8
C503, C514, C520,
C526, C603, C614,
C620, C626
Capacitor
402
22 pF, ceramic, NPO,
5% tol, 50 V
Murata
GRM1555C1H220JZ01D
9
1
C704
Capacitor
1206
10 μF, tantalum,
16 V, 20% tol
ROHM Co., Ltd.
TCA1C106M8R
10
9
C307, C714, C715,
C716, C717, C719,
C720, C721, C722
Capacitor
603
1 μF, ceramic, X5R,
6.3 V, 10% tol
Murata
GRM188R61C105KA93D
11
16
C540, C541, C544,
C545, C548, C549,
C552, C553, C640,
C641, C644, C645,
C648, C649, C652,
C653
Capacitor
805
0.1 μF, ceramic, X7R,
50 V, 10% tol
Murata
GRM21BR71H104KA01L
12
4
C705, C707, C709,
C711
Capacitor
603
10 μF, ceramic, X5R,
6.3 V, 20% tol
Murata
GRM188R60J106ME47D
13
1
CR401
Diode
SOT-23
30 V, 20 mA, dual
Schottky
Avago
Technologies
HSMS-2812-TR1G
14
2
CR701, CR702
LED
603
Green, 4 V, 5 m candela
Panasonic
LNJ314G8TRA
15
1
D702
Diode
DO-
214AB
3 A, 30 V, SMC
Micro
Commercial Co.
SK33-TP
16
1
D701
Diode
DO-
214AA
5 A, 50 V, SMC
Micro
Commercial Co.
S2A-TP
17
1
F701
Fuse
1210
6.0 V, 2.2 A trip-current
resettable fuse
Tyco/Raychem
NANOSMDC110F-2
18
1
FER701
Choke coil
2020
10 μH, 5 A, 50 V, 190 Ω
@ 100 MHz
Murata
DLW5BSN191SQ2L
19
24
FB101, FB102,
FB103, FB104,
FB105, FB106,
FB107, FB108,
FB109, FB110,
FB111, FB112,
FB201, FB202,
FB203, FB204,
FB205, FB206,
FB207, FB208,
FB209, FB210,
FB211, FB212
Ferrite bead
603
10 Ω, test frequency
100 MHz, 25% tol,
500 mA
Murata
BLM18BA100SN1D
20
4
JP501, JP502,
JP601, JP602
Connector
2-pin
100 mil header jumper,
2-pin
Samtec
TSW-102-07-G-S
21
6
J301, J302, J303,
J304, J401, J701
Connector
3-pin
100 mil header jumper,
3-pin
Samtec
TSW-103-07-G-S
23
1
J702
Connector
10-pin
100 mil header, male,
2 × 5 double row straight
Samtec
TSW-105-08-G-D
24
8
L701, L702, L703,
L704, L705, L706,
L707, L708
Ferrite bead
1210
10 μH, bead core 3.2 ×
2.5 × 1.6 SMD, 2 A
Murata
BLM31PG500SN1L
25
8
L501, L502, L503,
L504, L601, L602,
L603, L604
Inductor
402
120 nH, test freq
100 MHz, 5% tol,
150 mA
Murata
LQG15HNR12J02D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com