Electronic Components Datasheet Search
  English  ▼

X  

AD9237 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9237_17 Datasheet HTML 5Page - Analog Devices AD9237_17 Datasheet HTML 6Page - Analog Devices AD9237_17 Datasheet HTML 7Page - Analog Devices AD9237_17 Datasheet HTML 8Page - Analog Devices AD9237_17 Datasheet HTML 9Page - Analog Devices AD9237_17 Datasheet HTML 10Page - Analog Devices AD9237_17 Datasheet HTML 11Page - Analog Devices AD9237_17 Datasheet HTML 12Page - Analog Devices AD9237_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PADDLE
BE SOLDERED TO THE GROUND PLANE.
MODE2
CLK
OE
PDWN
GC
DNC
D0 (LSB)
D1
VREF
SENSE
MODE
OTR
D11 (MSB)
D10
D9
D8
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD9237
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1
MODE2
SHA Gain Select and Power Scaling Control (see Table 8).
2
CLK
Clock Input Pin.
3
OE
Output Enable Pin (Active Low).
4
PDWN
Power-Down Function Selection (see Table 9).
5
GC
Gray Code Control (Active High).
6
DNC
Do Not Connect.
7 to 14, 17 to 20
D0 (LSB) to D11 (MSB)
Data Output Bits.
15
DGND
Digital Output Ground.
16
DRVDD
Digital Output Driver Supply. Must be decoupled to DGND with a minimum 0.1 μF capacitor.
Recommended decoupling is 0.1 μF in parallel with 10 μF.
21
OTR
Out-of-Range Indicator.
22
MODE
Data Format and Clock Duty Cycle Stabilizer (DCS) Mode Selection (see Table 10).
23
SENSE
Reference Mode Selection (see Table 7).
24
VREF
Voltage Reference Input/Output (see Table 7).
25
REFB
Differential Reference (−). Must be decoupled to REFT with a minimum 10 μF capacitor.
26
REFT
Differential Reference (+).
27, 32
AVDD
Analog Power Supply. Must be decoupled to AGND with a minimum 0.1 μF capacitor.
Recommended decoupling is 0.1 μF in parallel with 10 μF.
28, 31
AGND
Analog Ground.
29
VIN+
Analog Input Pin (+).
30
VIN−
Analog Input Pin (−).
EP
It is recommended that the exposed paddle be soldered to the ground plane. There is an
increased reliability of the solder joints and maximum thermal capability of the package is
achieved with exposed paddle soldered to the customer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com