Electronic Components Datasheet Search
  English  ▼

X  

AD9237 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9237_17 Datasheet HTML 7Page - Analog Devices AD9237_17 Datasheet HTML 8Page - Analog Devices AD9237_17 Datasheet HTML 9Page - Analog Devices AD9237_17 Datasheet HTML 10Page - Analog Devices AD9237_17 Datasheet HTML 11Page - Analog Devices AD9237_17 Datasheet HTML 12Page - Analog Devices AD9237_17 Datasheet HTML 13Page - Analog Devices AD9237_17 Datasheet HTML 14Page - Analog Devices AD9237_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 10 of 24
EQUIVALENT CIRCUITS
AVDD
VIN+, VIN–
Figure 4. Equivalent Analog Input Circuit
MODE,
MODE2,
GC, OE
375
Ω
70k
Ω
Figure 5. Equivalent MODE, MODE2, GC, OE Input Circuit
D11–D0,
OTR
DRVDD
Figure 6. Equivalent Digital Output Circuit
CLK,
PDWN
375
Ω
Figure 7. Equivalent CLK, PDWN Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com