Electronic Components Datasheet Search
  English  ▼

X  

AD9237 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9237_17 Datasheet HTML 11Page - Analog Devices AD9237_17 Datasheet HTML 12Page - Analog Devices AD9237_17 Datasheet HTML 13Page - Analog Devices AD9237_17 Datasheet HTML 14Page - Analog Devices AD9237_17 Datasheet HTML 15Page - Analog Devices AD9237_17 Datasheet HTML 16Page - Analog Devices AD9237_17 Datasheet HTML 17Page - Analog Devices AD9237_17 Datasheet HTML 18Page - Analog Devices AD9237_17 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 14 of 24
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
020
15
10
5
SNR = 67.1dBFS
SFDR = 87.3dBFS
Figure 26. AD9237-40 Two-Tone FFT
fIN1 = 69 MHz, fIN2 = 70 MHz
INPUT FREQUENCY (MHz)
90
85
80
SFDR
SNR
75
70
60
65
55
0
125
100
75
50
25
Figure 27. AD9237-65 SNR/SFDR vs. Input Frequency
CODE
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0
4096
3584
3072
2560
2048
1536
1024
512
Figure 28. Typical INL
SFDR dBFS
SFDR dBc
SNR dBc
INPUT AMPLITUDE (AIN)
100
30
40
50
60
70
80
90
–30
–10
–6.5
–15
–20
–25
SNR dBFS
Figure 29. AD9237-40 Two-Tone SNR/SFDR vs. Analog Input with
fIN1 = 69 MHz, fIN2 = 70 MHz
INPUT FREQUENCY (MHz)
90
55
60
65
70
75
80
85
0
125
100
75
50
25
SFDR
SNR
Figure 30. AD9237-40 SNR/SFDR vs. Input Frequency
CODE
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
0
4096
3584
3072
2560
2048
1536
1024
512
Figure 31. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com