Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 4 Page - Analog Devices

  AD9460 Datasheet HTML 1Page - Analog Devices AD9460 Datasheet HTML 2Page - Analog Devices AD9460 Datasheet HTML 3Page - Analog Devices AD9460 Datasheet HTML 4Page - Analog Devices AD9460 Datasheet HTML 5Page - Analog Devices AD9460 Datasheet HTML 6Page - Analog Devices AD9460 Datasheet HTML 7Page - Analog Devices AD9460 Datasheet HTML 8Page - Analog Devices AD9460 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD9460
Rev. 0 | Page 3 of 32
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sampling rate, 3.4 V p-p differential input, internal
trimmed reference (1.0 V mode), analog input amplitude = −1.0 dBFS, DCS = AGND (on), SFDR = AGND, unless otherwise noted.
Table 1.
AD9460BSVZ-80
AD9460BSVZ-105
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−5.0
±0.1
+5.0
−5.0
±0.1
+5.0
mV
Gain Error
25°C
−3
±0.5
+3
−3
±0.5
+3
% FSR
Full
−3.4
+3.4
−3.4
+3.4
% FSR
Differential Nonlinearity (DNL)1
25°C
−0.8
±0.5
+0.8
−0.85
±0.5
+0.85
LSB
Full
−0.9
+0.9
−1
+1.2
Integral Nonlinearity (INL)1
25°C
−6
±3
+6
−6
±3
+6
LSB
VOLTAGE REFERENCE
Output Voltage VREF = 1.7 V
Full
1.7
1.7
V
Load Regulation @ 1.0 mA
Full
±2
±2
mV
Reference Input Current (External VREF = 1.7 V)
Full
350
350
μA
INPUT REFERRED NOISE
25°C
2.4
2.5
LSB rms
ANALOG INPUT
Input Span
VREF = 1.7 V
Full
3.4
3.4
V p-p
VREF = 1.0 V
Full
2.0
2.0
V p-p
Internal Input Common-Mode Voltage
Full
3.5
3.5
V
External Input Common-Mode Voltage
Full
3.2
3.9
3.2
3.9
V
Input Resistance2
Full
1
1
kΩ
Input Capacitance2
Full
6
6
pF
POWER SUPPLIES
Supply Voltages
AVDD1
Full
3.14
3.3
3.46
3.14
3.3
3.46
V
AVDD2
Full
4.75
5.0
5.25
4.75
5.0
5.25
V
DRVDD—LVDS Outputs
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
DRVDD—CMOS Outputs
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Currents1
AVDD1
Full
290
310
337
373
mA
AVDD21, 3
Full
101
110
116
133
mA
IDRVDD1—LVDS Outputs
Full
70
78.5
71
81
mA
IDRVDD1—CMOS Outputs
Full
14
14
mA
PSRR
Offset
Full
1
1
mV/V
Gain
Full
0.2
0.2
%/V
POWER CONSUMPTION3
LVDS Outputs
Full
1.7
1.8
1.9
2.2
W
CMOS Outputs (DC Input)
Full
1.5
1.7
W
1 Measured at the maximum clock rate, fIN = 15 MHz, full-scale sine wave, with a 100 Ω differential termination on each pair of output bits for LVDS output mode and
approximately 5 pF loading on each output bit for CMOS output mode.
2 Input capacitance or resistance refers to the effective impedance between one differential input pin and AGND. Refer to Figure 6 for the equivalent analog input structure.
3 For SFDR = AVDD1, IAVDD2 power increases by ~70 mW for the AD9460BSVZ-80 and ~20 mW for the AD9460BSVZ-105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com