Electronic Components Datasheet Search
  English  ▼

X  

AD9460 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9460
Description  16-Bit, 80 MSPS/105 MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9460 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9460 Datasheet HTML 4Page - Analog Devices AD9460 Datasheet HTML 5Page - Analog Devices AD9460 Datasheet HTML 6Page - Analog Devices AD9460 Datasheet HTML 7Page - Analog Devices AD9460 Datasheet HTML 8Page - Analog Devices AD9460 Datasheet HTML 9Page - Analog Devices AD9460 Datasheet HTML 10Page - Analog Devices AD9460 Datasheet HTML 11Page - Analog Devices AD9460 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD9460
Rev. 0 | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
ELECTRICAL
AVDD1 to AGND
−0.3 V to +4 V
AVDD2 to AGND
−0.3 V to +6 V
DRVDD to DGND
−0.3 V to +4 V
AGND to DGND
−0.3 V to +0.3 V
AVDD1 to DRVDD
−4 V to +4 V
AVDD2 to DRVDD
−4 V to +6 V
AVDD2 to AVDD1
−4 V to +6 V
D0± Through D15± to DGND
−0.3 V to DRVDD + 0.3 V
CLK+/CLK− to AGND
−0.3 V to AVDD1 + 0.3 V
OUTPUT MODE, DCS MODE, and
DFS to AGND
−0.3 V to AVDD1 + 0.3 V
VIN+, VIN− to AGND
−0.3 V to AVDD2 + 0.3 V
VREF to AGND
−0.3 V to AVDD1 + 0.3 V
SENSE to AGND
−0.3 V to AVDD1 + 0.3 V
REFT, REFB to AGND
−0.3 V to AVDD1 + 0.3 V
ENVIRONMENTAL
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The heat sink of the AD9460 package must be soldered to
ground.
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads from
metal traces through holes, ground, and power planes reduces
the θJA. It is required that the exposed heat sink be soldered to
the ground plane.
Table 6.
Package Type
θJA1
θJB2
θJC3
Unit
100-Lead TQFP_EP
19.8
8.3
2
°C/W
1 Typical θJA = 19.8°C/W (heat sink soldered) for a multilayer board in still air.
2 Typical θJB = 8.3°C/W (heat sink soldered) for a multilayer board in still air.
3 Typical θJC = 2°C/W (junction to exposed heat sink) represents the thermal
resistance through heat sink path
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com