Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 5 Page - Analog Devices

  AD9461 Datasheet HTML 1Page - Analog Devices AD9461 Datasheet HTML 2Page - Analog Devices AD9461 Datasheet HTML 3Page - Analog Devices AD9461 Datasheet HTML 4Page - Analog Devices AD9461 Datasheet HTML 5Page - Analog Devices AD9461 Datasheet HTML 6Page - Analog Devices AD9461 Datasheet HTML 7Page - Analog Devices AD9461 Datasheet HTML 8Page - Analog Devices AD9461 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD9461
Rev. 0 | Page 4 of 28
AC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sample rate, 3.4 V p-p differential input, internal
trimmed reference (1.7 V mode), AIN = −1.0 dBFS, DCS on, SFDR = AGND, unless otherwise noted.
Table 2.
AD9461BSVZ
Parameter
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 10 MHz
25°C
76.3
77.7
dB
Full
76.0
dB
fIN = 170 MHz1
25°C
74.2
76.0
dB
Full
73.8
dB
fIN = 225 MHz
25°C
74.4
dB
fIN = 225 MHz @125 MSPS
25°C
75.3
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 10 MHz
25°C
74.0
76.7
dB
Full
74.0
dB
fIN = 170 MHz1
25°C
71.9
75.1
dB
Full
68.3
dB
fIN = 225 MHz
25°C
73.5
dB
fIN = 225 MHz @125 MSPS
25°C
74.6
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
12.5
Bits
fIN = 170 MHz1
25°C
12.2
Bits
fIN = 225 MHz
25°C
11.9
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR, SECOND OR THIRD HARMONIC)
fIN = 10 MHz
25°C
82
90
dBc
Full
80
dBc
fIN = 170 MHz1
25°C
77
84
dBc
Full
71
dBc
fIN = 225 MHz
25°C
82
dBc
fIN = 225 MHz @125 MSPS
25°C
86
dBc
WORST SPUR EXCLUDING SECOND OR THIRD HARMONICS
fIN = 10 MHz
25°C
88
96
dBc
Full
86
dBc
fIN = 170 MHz1
25°C
89
95
dBc
Full
85
dBc
fIN = 225 MHz
25°C
91
dBc
fIN = 225 MHz @ 125 MSPS
25°C
93
dBc
TWO-TONE SFDR
fIN = 169.6 MHz @ −7 dBFS, 170.6 MHz @ −7 dBFS
25°C
89
dBFS
ANALOG BANDWIDTH
Full
615
MHz
1 SFDR = high (AVDD1). See the Operational Mode Selection section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com