Electronic Components Datasheet Search
  English  ▼

X  

AD9461 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9461 Datasheet HTML 12Page - Analog Devices AD9461 Datasheet HTML 13Page - Analog Devices AD9461 Datasheet HTML 14Page - Analog Devices AD9461 Datasheet HTML 15Page - Analog Devices AD9461 Datasheet HTML 16Page - Analog Devices AD9461 Datasheet HTML 17Page - Analog Devices AD9461 Datasheet HTML 18Page - Analog Devices AD9461 Datasheet HTML 19Page - Analog Devices AD9461 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD9461
Rev. 0 | Page 15 of 28
0.6
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–40
–20
0
20
80
60
40
TEMPERATURE (°C)
Figure 24. 130 MSPS, Gain vs. Temperature
97
72
77
82
87
92
1.82.02.22.42.62.83.03.23.43.63.84.0
4.2
ANALOG INPUT RANGE (V p-p)
170.3MHz SNR dBFS
170.3MHz SFDR dBc
Figure 25. 130 MSPS, SNR, SFDR vs. Analog Input Range
1.730
1.728
1.726
1.724
1.722
1.720
1.718
1.734
1.716
–40
–20
0
20
80
60
40
TEMPERATURE (°C)
1.732
Figure 26. 130 MSPS, VREF vs. Temperature
90
65
70
75
80
85
2.9
3.1
3.3
3.5
4.1
3.7
3.9
ANALOG INPUT COMMON-MODE VOLTAGE (V)
SNR dB
SFDR dBc
Figure 27. 130 MSPS, SNR/SFDR vs. Analog Input Common Mode
90
65
70
75
80
85
45
65
85
105
145
125
SAMPLE RATE (MSPS)
SNR dB
SFDR dBc
Figure 28. Single-Tone SNR/SFDR vs. Sample Rate 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com