Electronic Components Datasheet Search
  English  ▼

X  

LM4664 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4664
Description  Filterless High Efficiency 1.1W Switching Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4664 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4664 Datasheet HTML 1Page - National Semiconductor (TI) LM4664 Datasheet HTML 2Page - National Semiconductor (TI) LM4664 Datasheet HTML 3Page - National Semiconductor (TI) LM4664 Datasheet HTML 4Page - National Semiconductor (TI) LM4664 Datasheet HTML 5Page - National Semiconductor (TI) LM4664 Datasheet HTML 6Page - National Semiconductor (TI) LM4664 Datasheet HTML 7Page - National Semiconductor (TI) LM4664 Datasheet HTML 8Page - National Semiconductor (TI) LM4664 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note1)
6.0V
Storage Temperature
−65˚C to +150˚C
Voltage at Any Input Pin
V
DD + 0.3V
≥ V ≥ GND - 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
7.0kV
ESD Susceptibility (Note 5)
250V
Junction Temperature (T
J)
150˚C
Thermal Resistance
θ
JA (micro SMD)
220˚C/W
Soldering Information
See AN-1112 "microSMD Wafers Level Chip Scale
Package."
Operating Ratings (Note 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for V
DD = 3V and RL =15µH+8
Ω + 15µH unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4664
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, No Load
V
IN = 0V, RL =15µH+8
Ω + 15µH
3.50
3.75
5.0
mA
mA (max)
I
SD
Shutdown Current
V
SD = GND (Note 9)
0.4
2.0
µA (max)
V
SDIH
Shutdown Voltage Input High
1.0
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
0.8
0.4
V (max)
V
GSIH
Gain Select Input High
1.0
1.4
V (min)
V
GSIL
Gain Select Input Low
0.8
0.4
V (max)
A
V
Closed Loop Gain
V
Gain Select =VDD
6dB
A
V
Closed Loop Gain
V
Gain Select = GND
12
dB
V
OS
Output Offset Voltage
10
25
mV (max)
T
WU
Wake-up Time
7
ms
P
o
Output Power
THD = 1% (max), f = 1kHz
425
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 100mWRMS;fIN = 1kHz
0.35
%
R
IN
Differential Input Resistance
V
Gain Select =VDD
90
k
V
Gain Select = GND
60
k
PSRR
Power Supply Rejection Ratio
V
Ripple = 100mVRMS sine wave
Inputs terminated to GND
56
(f = 217Hz)
dB
V
Ripple = 100mVRMS sine wave
P
OUT = 10mW,1kHz
65
(f = 217Hz)
dB
CMRR
Common Mode Rejection Ratio
V
Ripple = 100mVRMS,
f
Ripple = 217Hz
41
dB
SNR
Signal to Noise Ratio
P
O = 400mWRMS; A-Weighted Filter
83
dB
e
OUT
Output Noise
A-Weighted filter, V
in = 0V
125
µV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com