Electronic Components Datasheet Search
  English  ▼

X  

LM4664 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4664
Description  Filterless High Efficiency 1.1W Switching Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4664 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4664 Datasheet HTML 6Page - National Semiconductor (TI) LM4664 Datasheet HTML 7Page - National Semiconductor (TI) LM4664 Datasheet HTML 8Page - National Semiconductor (TI) LM4664 Datasheet HTML 9Page - National Semiconductor (TI) LM4664 Datasheet HTML 10Page - National Semiconductor (TI) LM4664 Datasheet HTML 11Page - National Semiconductor (TI) LM4664 Datasheet HTML 12Page - National Semiconductor (TI) LM4664 Datasheet HTML 13Page - National Semiconductor (TI) LM4664 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
the shutdown voltage has crossed the threshold. To mini-
mize the supply current while in the shutdown state, the
Shutdown pin should be driven to GND or left floating. If the
Shutdown pin is not driven to GND, the amount of additional
resistor current due to the internal shutdown resistor can be
found by Equation (1) below.
(V
SD - GND) / 60k
Ω
(1)
With only a 0.5V difference, an additional 8.3µA of current
will be drawn while in the shutdown state.
GAIN SELECTION FUNCTION
The LM4664 has fixed selectable gain to minimize external
components, increase flexibility and simplify design. For a
differential gain of 6dB, the Gain Select pin should be per-
manently connected to V
DD or driven to a logic high level.
For a differential gain of 12dB, the Gain Select pin should be
permanently connected to GND or driven to a logic low level.
The gain of the LM4664 can be switched while the amplifier
is in PLAY mode driving a load with a signal without damage
to the IC. The voltage on the Gain Select pin should be
switched quickly between GND (logic low) and V
DD (logic
high) to eliminate any possible audible artifacts from appear-
ing at the output. For typical threshold voltages for the Gain
Select function, refer to the Gain Threshold Voltages graph
in the Typical Performance Characteristics section.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com