Electronic Components Datasheet Search
  English  ▼

X  

LM4664 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4664
Description  Filterless High Efficiency 1.1W Switching Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4664 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4664 Datasheet HTML 1Page - National Semiconductor (TI) LM4664 Datasheet HTML 2Page - National Semiconductor (TI) LM4664 Datasheet HTML 3Page - National Semiconductor (TI) LM4664 Datasheet HTML 4Page - National Semiconductor (TI) LM4664 Datasheet HTML 5Page - National Semiconductor (TI) LM4664 Datasheet HTML 6Page - National Semiconductor (TI) LM4664 Datasheet HTML 7Page - National Semiconductor (TI) LM4664 Datasheet HTML 8Page - National Semiconductor (TI) LM4664 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM4664
Filterless High Efficiency 1.1W Switching Audio
Amplifier
General Description
The LM4664 is a fully integrated single-supply high efficiency
switching audio amplifier. It features an innovative modulator
that eliminates the LC output filter used with typical switching
amplifiers. Eliminating the output filter reduces parts count,
simplifies circuit design, and reduces board area. The
LM4664 processes analog inputs with a delta-sigma modu-
lation technique that lowers output noise and THD when
compared to conventional pulse width modulators.
The LM4664 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing on a single 3V supply, it is capable of driving 8
Ω trans-
ducer loads at a continuous average output of 425mW with
less than 1%THD+N. Its flexible power supply requirements
allow operation from 2.7V to 5.5V.
The LM4664 has high efficiency with an 8
Ω transducer load
compared to a typical Class AB amplifier. With a 3V supply,
the IC’s efficiency for a 100mW power level is 74%, reaching
84% at 425mW output power.
The LM4664 features a low-power consumption shutdown
mode. Shutdown may be enabled by driving the Shutdown
pin to a logic low (GND).
The LM4664 has fixed selectable gain of either 6dB or 12dB.
The LM4664 has short circuit protection against a short from
the outputs to V
DD, GND, or across the outputs.
Key Specifications
j Efficiency at 3V, 100mW into 8
Ω transducer 74% (typ)
j Efficiency at 3V, 425mW into 8
Ω transducer 84% (typ)
j Efficiency at 5V, 1W into 8
Ω transducer
86% (typ)
j Total quiescent power supply current
3.5mA (typ)
j Total shutdown power supply current
0.4µA (typ)
j Single supply range
2.7V to 5.5V
Features
n
No output filter required for inductive transducers
n
Selectable gain of 6dB or 12dB
n
Very fast turn on time: 7ms (typ)
n
Minimum external components
n
"Click and pop" suppression circuitry
n
Micro-power shutdown mode
n
Short circuit protection
n
Available in space-saving micro SMD package
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
200960G5
FIGURE 1. Typical Audio Amplifier Application Circuit
March 2004
© 2004 National Semiconductor Corporation
DS200960
www.national.com


Similar Part No. - LM4664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4663MT NSC-LM4663MT Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
logo
National Semiconductor ...
LM4665ITL NSC-LM4665ITL Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
More results

Similar Description - LM4664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4667 TI1-LM4667 Datasheet
1Mb / 24P
LM4667 Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com