Electronic Components Datasheet Search
  English  ▼

X  

LMV422 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV422
Description  Dual Rail-to-Rail Output Operational Amplifier with
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV422 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV422 Datasheet HTML 1Page - National Semiconductor (TI) LMV422 Datasheet HTML 2Page - National Semiconductor (TI) LMV422 Datasheet HTML 3Page - National Semiconductor (TI) LMV422 Datasheet HTML 4Page - National Semiconductor (TI) LMV422 Datasheet HTML 5Page - National Semiconductor (TI) LMV422 Datasheet HTML 6Page - National Semiconductor (TI) LMV422 Datasheet HTML 7Page - National Semiconductor (TI) LMV422 Datasheet HTML 8Page - National Semiconductor (TI) LMV422 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF, Machine Model, 0Ω in series with 200 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Slew rate is the average of the rising and falling slew rates.
Note 9: Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Connection Diagram
10-Pin MSOP
20109806
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
10-Pin MSOP3x5mm
LMV422MM
AJ1A
1k Units Tape and Reel
MUB10A
LMV422MMX
3.5k Units Tape and Reel
Simplified Schematic
20109818
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com