Electronic Components Datasheet Search
  English  ▼

X  

LMV422 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV422
Description  Dual Rail-to-Rail Output Operational Amplifier with
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV422 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV422 Datasheet HTML 1Page - National Semiconductor (TI) LMV422 Datasheet HTML 2Page - National Semiconductor (TI) LMV422 Datasheet HTML 3Page - National Semiconductor (TI) LMV422 Datasheet HTML 4Page - National Semiconductor (TI) LMV422 Datasheet HTML 5Page - National Semiconductor (TI) LMV422 Datasheet HTML 6Page - National Semiconductor (TI) LMV422 Datasheet HTML 7Page - National Semiconductor (TI) LMV422 Datasheet HTML 8Page - National Semiconductor (TI) LMV422 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified, V+ = 5V, T
A = 25˚C, PS = V
+ for
Full Power Mode, PS = V
− for Low Power Mode.
Supply Current vs. Supply Voltage per Channel
(Full Power Mode)
Supply Current vs. Supply Voltage per Channel
(Low Power Mode)
20109801
20109802
Gain and Phase vs. Frequency
Gain and Phase vs. Frequency
20109812
20109813
Gain and Phase vs. Frequency
Gain and Phase vs. Frequency
20109814
20109815
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com