Electronic Components Datasheet Search
  English  ▼

X  

LMV422 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV422
Description  Dual Rail-to-Rail Output Operational Amplifier with
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV422 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV422 Datasheet HTML 1Page - National Semiconductor (TI) LMV422 Datasheet HTML 2Page - National Semiconductor (TI) LMV422 Datasheet HTML 3Page - National Semiconductor (TI) LMV422 Datasheet HTML 4Page - National Semiconductor (TI) LMV422 Datasheet HTML 5Page - National Semiconductor (TI) LMV422 Datasheet HTML 6Page - National Semiconductor (TI) LMV422 Datasheet HTML 7Page - National Semiconductor (TI) LMV422 Datasheet HTML 8Page - National Semiconductor (TI) LMV422 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMV422
Dual Rail-to-Rail Output Operational Amplifier with
Power Select
General Description
The LMV422 dual rail-to-rail output amplifier offers a power
select pin (PS) that allows the user to select one of two
power modes depending on the level of performance de-
sired. This is ideal for AC coupled circuits where the circuit
needs to be kept active to maintain a quiescent charge on
the coupling capacitors with minimum power consumption.
For portable applications, the LMV422 operates in low power
mode consuming only 2 µA of supply current per channel at
a bandwidth of 27 kHz. This allows the user to reduce the
power consumption of an amplifier while maintaining an
active circuit. For additional bandwidth and output current
drive the amplifier can be switched to full power mode with 8
MHz bandwidth while consuming only 400 µA per channel.
The LMV422 features a rail-to-rail output voltage swing in
addition to an input common mode range that includes
ground. The LMV422 is designed for closed loop gains of
plus two (or minus one) or greater. The LMV422 is offered in
10-Pin MSOP miniature package to ease the adoption in
applications where board area is at a premium.
Features
n
Supply voltage
2.7V to 5.5V
n
Supply current per channel
— Low power mode
2 µA
— Full power mode
400 µA
n
Input common mode voltage range
−0.3V to 3.8V
n
CMRR
85 dB
n
Output voltage swing
Rail-to-Rail
n
Input offset voltage
1 mV
n
Bandwidth
— Low power mode
27 kHz
— Full power mode
8 MHz
n
Stable for A
V
≥ +2 or A
V
≤ −1
Applications
n
AC coupled circuits
n
Portable instrumentation
n
Smoke detectors
Typical Application
20109835
AC Coupled Application
February 2005
© 2005 National Semiconductor Corporation
DS201098
www.national.com


Similar Part No. - LMV422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431 NSC-LMV431 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Texas Instruments
LMV431 TI2-LMV431 Datasheet
1Mb / 35P
LMV431x Low-Voltage (1.24-V) Adjustable Precision Shunt Regulators
REVISED SEPTEMBER 2014
logo
National Semiconductor ...
LMV431A NSC-LMV431A Datasheet
556Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431A TI2-LMV431A Datasheet
1Mb / 35P
LMV431x Low-Voltage (1.24-V) Adjustable Precision Shunt Regulators
REVISED SEPTEMBER 2014
More results

Similar Description - LMV422

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
Rail-to-Rail Input/Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com