Electronic Components Datasheet Search
  English  ▼

X  

LFC789D25CPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # LFC789D25CPWR
Description  DUAL LINEAR FET CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LFC789D25CPWR Datasheet HTML 2Page - Texas Instruments LFC789D25CPWR Datasheet HTML 3Page - Texas Instruments LFC789D25CPWR Datasheet HTML 4Page - Texas Instruments LFC789D25CPWR Datasheet HTML 5Page - Texas Instruments LFC789D25CPWR Datasheet HTML 6Page - Texas Instruments LFC789D25CPWR Datasheet HTML 7Page - Texas Instruments LFC789D25CPWR Datasheet HTML 8Page - Texas Instruments LFC789D25CPWR Datasheet HTML 9Page - Texas Instruments LFC789D25CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
MOSFET SELECTION: BENEFITS OF NMOS PASS ELEMENTS REVISITED
A great benefit of having an external pass element is that the control circuitry can be powered by a separate
supply (VCC), other than the one used as the input to the pass element (VPWR). This feature allows the use of
an NMOS pass element, which requires a positive VGS > VT for operation. With a separate VCC pin to the
controller, the voltage at the gate of the NMOS readily can exceed the voltage at the drain; thus, VGS easily can
exceed VDS + VT, allowing the NMOS to operate in the triode region (VDS ≥ VGS − VT). In the triode region, VDS
can be very small, thus achieving very low dropout.
The external NMOS selected for the pass transistor has significant impact on the overall characteristics of the
regulator, as discussed in the following paragraphs.
D Maximum output current
A benefit of an external pass element is that the designer can size the NMOS to easily sustain the maximum
IOUT expected. This allows great flexibility, along with cost and space savings, because each regulator has its
pass element tailored to its individual needs. In addition, using an NMOS pass element allows for smaller size
(and subsequently, lower cost) than a PMOS element for the same current-carrying ability.
D Dropout
Choosing an NMOS with very low RDS(on) characteristics provides the regulator with very low dropout because
dropout will be
∼IOUT × RDS(on). This lower dropout also results in better efficiency and lower heat dissipation
in the pass element for a given IOUT.
D Maximum programmable output voltage and NMOS threshold voltage, VT
The maximum output voltage that can be regulated by the programmable regulator depends on the device’s
power supply (VCC) and threshold voltage (VT) of the NMOS. With the drive voltage tied to the gate and VOUT
connected to the source of the NMOS, a minimum VGS = VT must be maintained in order to maintain the
n-channel inversion layer. The maximum VOUT is calculated as follows:
VOUT = VS = VG − VT
With VCC = 12 V and a corresponding worst-case gate drive voltage of 9 V, the highest achievable
VOUT = 9 V − VT.
D Stability
A quality of the old npn regulators was their inherent stability under almost any type of load conditions and output
capacitors.
An
NMOS
regulator
has
the
same
benefit.
Thus,
capacitor
selection
and
equivalent-series-resistance (ESR) values are not needed for stability, but still should be chosen properly for
best transient response (see below).
capacitor selection
Cout: Although a minimum capacitance is not needed for stability with an NMOS pass device, higher capacitance
values improve transient response. In addition, low-ESR capacitors also help transient response. Tantalum or
aluminum electrolytics can be used for bulk capacitances, while ceramic bypass capacitors can be used to
decouple high-frequency transients due to their low ESL (equivalent series inductance).
Cin: Input capacitors placed at the drain of the NMOS pass transistor (VPWR) help improve the overall transient
response by suppressing surges in VPWR during fast load changes. Low-ESR tantalum or aluminum electrolytic
capacitors can be used; higher capacitance values improve transient response. A 0.1-
µF ceramic capacitor can
be placed at the VCC pin of the LFC789D25 to provide bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com