Electronic Components Datasheet Search
  English  ▼

X  

LFC789D25CPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # LFC789D25CPWR
Description  DUAL LINEAR FET CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CPWR Datasheet(HTML) 2 Page - Texas Instruments

  LFC789D25CPWR Datasheet HTML 1Page - Texas Instruments LFC789D25CPWR Datasheet HTML 2Page - Texas Instruments LFC789D25CPWR Datasheet HTML 3Page - Texas Instruments LFC789D25CPWR Datasheet HTML 4Page - Texas Instruments LFC789D25CPWR Datasheet HTML 5Page - Texas Instruments LFC789D25CPWR Datasheet HTML 6Page - Texas Instruments LFC789D25CPWR Datasheet HTML 7Page - Texas Instruments LFC789D25CPWR Datasheet HTML 8Page - Texas Instruments LFC789D25CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
_
+
_
+
DRV_V25
SEN_V25
VCC
NC
5
6
7
8
Bandgap
Reference
GND
VREF
SEN_VADJ
DRV_VADJ
4
3
2
1
4 k
Ω
3.6 k
Ω
PIN DESCRIPTION
PIN
PIN NAME
PIN FUNCTION
1
DRV_VADJ
Output of adjustable controller. Drives gate(s) of FET(s) to output user-programmable voltage (VADJ).
2
SEN_VADJ
Sense input of adjustable controller. Senses changes in VADJ.
3
VREF
Input pin used to program VADJ, allowing VADJ to track changes in VREF
4
GND
Ground
5
NC
No connection
6
SEN_V25
Sense Input of 2.5-V controller. Senses changes in 2.5-V supply.
7
DRV_V25
Output of 2.5-V controller. Drives gate(s) of FET(s) to output fixed 2.5 V.
8
VCC
Power supply for device



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com