Electronic Components Datasheet Search
  English  ▼

X  

LFC789D25CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # LFC789D25CPWR
Description  DUAL LINEAR FET CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CPWR Datasheet(HTML) 1 Page - Texas Instruments

  LFC789D25CPWR Datasheet HTML 1Page - Texas Instruments LFC789D25CPWR Datasheet HTML 2Page - Texas Instruments LFC789D25CPWR Datasheet HTML 3Page - Texas Instruments LFC789D25CPWR Datasheet HTML 4Page - Texas Instruments LFC789D25CPWR Datasheet HTML 5Page - Texas Instruments LFC789D25CPWR Datasheet HTML 6Page - Texas Instruments LFC789D25CPWR Datasheet HTML 7Page - Texas Instruments LFC789D25CPWR Datasheet HTML 8Page - Texas Instruments LFC789D25CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Two Independent Controllers for
Regulation of:
− Fixed 2.5-V and an Adjustable Output
−
±2% (Max) Regulation Across
Temperature and Load (1 mA to 3 A)
D Adjustable Output Can Be Set Via an
External Reference Pin, Allowing for the
Creation of a Tracking Regulator
D Great Design Flexibility With Minimal
External Components
D Applications: High-Current, Low-Dropout
Regulators for:
− DDR/RDRAM Memory Termination
− Motherboards
− Chipset I/O
− GTLP Termination
description/ordering information
The LFC789D25 is a dual linear FET controller that simplifies the design of dual power supplies. The device
consists of two independent controllers, each of which drives an external MOSFET to implement a low-dropout
regulator. One controller is programmed to regulate a fixed 2.5-V output, while the second controller can be
programmed to regulate any desired output voltage via a reference input pin, allowing for the creation of a
tracking regulator often needed for termination schemes. And, because heating effects of the external FETs
easily can be isolated from the controllers, the controllers can regulate the output voltages to a maximum
tolerance of
±2% across temperature and load.
The LFC789D25 allows designers a great deal of flexibility in selecting external components and topology to
implement their specific power-supply needs. With appropriate heat sinking, the designer can build a regulator
with as much current capability as allowed by the external MOSFET and power supply. And, because the
dropout of the regulator simply is the product of the RDS(on) of the external power MOSFET and the load current,
very low dropout can be achieved via proper selection of the power MOSFET.
Packaged in 8-pin SOIC and space-saving TSSOP, the LFC789D25 is characterized for operation from 0
°C to
70
°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 75
LFC789D25CD
KADAC
0
°C to 70°C
SOIC (D)
Reel of 2500
LFC789D25CDR
KADAC
0
°C to 70°C
TSSOP (PW)
Tube of 150
LFC789D25CPW
KADAC
TSSOP (PW)
Reel of 2000
LFC789D25CPWR
KADAC
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
DRV_VADJ
SEN_VADJ
VREF
GND
VCC
DRV_V25
SEN_V25
NC
D OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LFC789D25CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LFC789D25CPWR TI2-LFC789D25CPWR Datasheet
410Kb / 14P
DUAL LINEAR FET CONTROLLER
REVISED SEPTEMBER 2004
More results

Similar Description - LFC789D25CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC1538 SEMTECH-SC1538 Datasheet
65Kb / 4P
DUAL LINEAR CONTROLLER
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
8-Pin N-FET Linear Regulator Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
Ultra Low Output Voltage Dual Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
Linear FET Controller For DDR Supplies
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com