Electronic Components Datasheet Search
  English  ▼

X  

AD6644 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6644 Datasheet HTML 5Page - Analog Devices AD6644 Datasheet HTML 6Page - Analog Devices AD6644 Datasheet HTML 7Page - Analog Devices AD6644 Datasheet HTML 8Page - Analog Devices AD6644 Datasheet HTML 9Page - Analog Devices AD6644 Datasheet HTML 10Page - Analog Devices AD6644 Datasheet HTML 11Page - Analog Devices AD6644 Datasheet HTML 12Page - Analog Devices AD6644 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD6644
Rev. D | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DNC = DO NOT CONNECT
PIN 1
IDENTIFIER
AD6644
TOP VIEW
(Not to Scale)
1
DVCC
2
GND
3
VREF
4
GND
5
ENCODE
6
ENCODE
7
GND
8
AVCC
9
AVCC
10
GND
11
14
AIN
12
AIN
13
GND
15 16 17 18 19 20 21 22 23 24 25 26
27
GND
28
AVCC
29
GND
30
AVCC
31
DNC
32
OVR
33
DVCC
34
GND
35
DMID
36
D0 (LSB)
37
40
D1
38
D2
39
D3
41
42
43
44
45
46
47
48
49
50
51
52
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 33, 43
DVCC
3.3 V Power Supply (Digital), Output Stage Only.
2, 4, 7, 10, 13, 15, 17, 19, 21, 23, 25, 27, 29,
34, 42
GND
Ground.
3
VREF
2.4 V (Analog Reference). Bypass to ground with 0.1 μF microwave chip
capacitor.
5
ENCODE
Encode Input. Conversion initiated on rising edge.
6
ENCODE
Complement of ENCODE. Differential input.
8, 9, 14, 16, 18, 22, 26, 28, 30
AVCC
5 V Analog Power Supply.
11
AIN
Analog Input.
12
AIN
Complement of AIN. Differential analog input.
20
C1
Internal Voltage Reference. Bypass to ground with 0.1 μF microwave chip
capacitor.
24
C2
Internal Voltage Reference. Bypass to ground with 0.1 μF microwave chip
capacitor.
31
DNC
Do not connect this pin.
32
OVR
Overrange Bit. High indicates analog input exceeds ±FS.
35
DMID
Output Data Voltage Midpoint. Approximately equal to DVCC/2.
36
D0 (LSB)
Digital Output Bit (Least Significant Bit). Twos complement.
37 to 41, 44 to 50
D1 to D5, D6 to
D12
Digital Output Bits in Twos Complement.
51
D13 (MSB)
Digital Output Bit (Most Significant Bit). Twos complement.
52
DRY
Data Ready Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com