Electronic Components Datasheet Search
  English  ▼

X  

AD6644 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6644 Datasheet HTML 17Page - Analog Devices AD6644 Datasheet HTML 18Page - Analog Devices AD6644 Datasheet HTML 19Page - Analog Devices AD6644 Datasheet HTML 20Page - Analog Devices AD6644 Datasheet HTML 21Page - Analog Devices AD6644 Datasheet HTML 22Page - Analog Devices AD6644 Datasheet HTML 23Page - Analog Devices AD6644 Datasheet HTML 24Page - Analog Devices AD6644 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD6644
Rev. D | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCC
TOP VIEW
(PINS DOWN)
40
52
1
14
13
26
27
39
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
Figure 37. 52-Lead Low Profile Quad Flat Package [LQFP]
(ST-52)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6644AST-40
−25°C to +85°C
52-Lead Low Profile Quad Flat Package (LQFP)
ST-52
AD6644ASTZ-401
−25°C to +85°C
52-Lead Low Profile Quad Flat Package (LQFP)
ST-52
AD6644AST-65
−25°C to +85°C
52-Lead Low Profile Quad Flat Package (LQFP)
ST-52
AD6644ASTZ-651
−25°C to +85°C
52-Lead Low Profile Quad Flat Package (LQFP)
ST-52
AD6644ST/PCB
Evaluation Board with AD6644AST–65
AD6644ST/PCBZ1
Evaluation Board with AD6644AST–65
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com