Electronic Components Datasheet Search
  English  ▼

X  

AD6644 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6644 Datasheet HTML 14Page - Analog Devices AD6644 Datasheet HTML 15Page - Analog Devices AD6644 Datasheet HTML 16Page - Analog Devices AD6644 Datasheet HTML 17Page - Analog Devices AD6644 Datasheet HTML 18Page - Analog Devices AD6644 Datasheet HTML 19Page - Analog Devices AD6644 Datasheet HTML 20Page - Analog Devices AD6644 Datasheet HTML 21Page - Analog Devices AD6644 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD6644
Rev. D | Page 17 of 24
Jitter Considerations
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, Equation 1 accurately
predicts the SNR based on three terms. These are jitter, average
DNL error, and thermal noise. Each of these terms contributes
to the noise within the converter (see Equation 1).
() +
×
×
π
+
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛ +
×
−
=
2
2
2
2
ε
1
log
20
rms
j
ANALOG
n
t
f
SNR
2
/
1
2
2
⎥
⎥
⎦
⎤
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
n
rms
NOISE
V
(1)
where:
fANALOG is the analog input frequency.
tj rms is the rms jitter of the encode (rms sum of encode source
and internal encode circuitry).
ε is the average DNL of the ADC (typically 0.41 LSB).
n is the number of bits in the ADC.
VNOISE rms is the V rms thermal noise referred to the analog input
of the ADC (typically 2.5 LSB).
For a 14-bit ADC like the AD6644, aperture jitter can greatly
affect the SNR performance as the analog frequency is
increased. Figure 31 shows a family of curves that demonstrates
the expected SNR performance of the AD6644 as jitter increases
and is derived from Equation 1.
For a complete review of aperture jitter, see Application Note
AN-756, Sampled Systems and the Effects of Clock Phase Noise
and Jitter, at www.analog.com.
JITTER (ps)
55
60
65
70
75
80
AIN = 190MHz
AIN = 150MHz
AIN = 110MHz
AIN = 30MHz
AIN = 70MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
Figure 31. SNR vs. Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com