Electronic Components Datasheet Search
  English  ▼

X  

AD9238 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9238
Description  Dual A/D Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238 Datasheet(HTML) 1 Page - Analog Devices

  AD9238 Datasheet HTML 1Page - Analog Devices AD9238 Datasheet HTML 2Page - Analog Devices AD9238 Datasheet HTML 3Page - Analog Devices AD9238 Datasheet HTML 4Page - Analog Devices AD9238 Datasheet HTML 5Page - Analog Devices AD9238 Datasheet HTML 6Page - Analog Devices AD9238 Datasheet HTML 7Page - Analog Devices AD9238 Datasheet HTML 8Page - Analog Devices AD9238 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
12-Bit, 20 MSPS/40 MSPS/65 MSPS
Dual A/D Converter
AD9238
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703 ©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated dual 12-bit ADC
Single 3 V supply operation (2.7 V to 3.6 V)
SNR = 70 dB (to Nyquist, AD9238-65)
SFDR = 80.5 dBc (to Nyquist, AD9238-65)
Low power: 300 mW/channel at 65 MSPS
Differential input with 500 MHz, 3 dB bandwidth
Exceptional crosstalk immunity > 85 dB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary or twos complement data format
Clock duty cycle stabilizer
Output datamux option
APPLICATIONS
Ultrasound equipment
Direct conversion or IF sampling receivers
WB-CDMA, CDMA2000, WiMAX
Battery-powered instruments
Hand-held scopemeters
Low cost, digital oscilloscopes
GENERAL DESCRIPTION
The AD9238 is a dual, 3 V, 12-bit, 20 MSPS/40 MSPS/65 MSPS
analog-to-digital converter (ADC). It features dual high
performance sample-and-hold amplifiers (SHAs) and an
integrated voltage reference. The AD9238 uses a multistage
differential pipelined architecture with output error correction
logic to provide 12-bit accuracy and to guarantee no missing
codes over the full operating temperature range at up to
65 MSPS data rates. The wide bandwidth, differential SHA
allows for a variety of user-selectable input ranges and offsets,
including single-ended applications. It is suitable for various
applications, including multiplexed systems that switch full-
scale voltage levels in successive channels and for sampling
inputs at frequencies well beyond the Nyquist rate.
Dual single-ended clock inputs are used to control all internal
conversion cycles. A duty cycle stabilizer is available and can
compensate for wide variations in the clock duty cycle, allowing
the converter to maintain excellent performance. The digital
output data is presented in either straight binary or twos
complement format. Out-of-range signals indicate an overflow
condition, which can be used with the most significant bit to
determine low or high overflow.
FUNCTIONAL BLOCK DIAGRAM
VIN+_A
VIN–_A
REFT_A
REFB_A
VREF
SENSE
AGND
REFT_B
REFB_B
VIN+_B
VIN–_B
OTR_A
D11_A TO D0_A
OEB_A
MUX_SELECT
CLK_A
CLK_B
DCS
SHARED_REF
PWDN_A
PWDN_B
DFS
OTR_B
D11_B TO D0_B
OEB_B
AVDD
AGND
DRVDD DRGND
12
AD9238
12
0.5V
OUTPUT
MUX/
BUFFERS
12
12
OUTPUT
MUX/
BUFFERS
CLOCK
DUTY CYCLE
STABILIZER
MODE
CONTROL
ADC
SHA
SHA
ADC
Figure 1.
Fabricated on an advanced CMOS process, the AD9238 is available
in a Pb-free, space saving, 64-lead LQFP or LFCSP and is
specified over the industrial temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
Pin-compatible with the AD9248, 14-bit 20MSPS/
40 MSPS/65 MSPS ADC.
2.
Speed grade options of 20 MSPS, 40 MSPS, and 65 MSPS
allow flexibility between power, cost, and performance to
suit an application.
3.
Low power consumption: AD9238-65: 65 MSPS = 600 mW,
AD9238-40: 40 MSPS = 330 mW, and AD9238-20: 20 MSPS =
180 mW.
4.
Typical channel isolation of 85 dB @ fIN = 10 MHz.
5.
The clock duty cycle stabilizer (AD9238-20/AD9238-40/
AD9238-65) maintains performance over a wide range of
clock duty cycles.
6.
Multiplexed data output option enables single-port operation
from either Data Port A or Data Port B.


Similar Part No. - AD9238

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
AD9238 AD-AD9238 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
AD9238BCP-20EB AD-AD9238BCP-20EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9238BCP-40EB AD-AD9238BCP-40EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9238BCP-65EB AD-AD9238BCP-65EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9238

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
D/A CONVERTER
logo
Analog Devices
AD7112 AD-AD7112 Datasheet
230Kb / 12P
LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV.0
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
DUAL A/D CONVERTER
logo
Analog Devices
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
High Resolution, Dual Slope A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
LOW COST DUAL SLOPE A/D CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
A/D Converter
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
Dual A/D Converter
Rev. B
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
A/D Converter
Rev. D
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
Dual A/D Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com