Electronic Components Datasheet Search
  English  ▼

X  

AD9238 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9238
Description  Dual A/D Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9238 Datasheet HTML 8Page - Analog Devices AD9238 Datasheet HTML 9Page - Analog Devices AD9238 Datasheet HTML 10Page - Analog Devices AD9238 Datasheet HTML 11Page - Analog Devices AD9238 Datasheet HTML 12Page - Analog Devices AD9238 Datasheet HTML 13Page - Analog Devices AD9238 Datasheet HTML 14Page - Analog Devices AD9238 Datasheet HTML 15Page - Analog Devices AD9238 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
AD9238
Rev. C | Page 11 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DRVDD = 3.0 V, T = 25°C, AIN differential drive, full scale = 2 V, unless otherwise noted.
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
SECOND
HARMONIC
FREQUENCY (MHz)
CROSSTALK
THIRD
HARMONIC
Figure 5. Single-Tone FFT of Channel A Digitizing fIN = 12.5 MHz
While Channel B Is Digitizing fIN = 10 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
CROSSTALK
SECOND
HARMONIC
Figure 6. Single-Tone FFT of Channel A Digitizing fIN = 70 MHz
While Channel B Is Digitizing fIN = 76 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
SECOND
HARMONIC
FREQUENCY (MHz)
CROSSTALK
Figure 7. Single-Tone FFT of Channel A Digitizing fIN = 120 MHz
While Channel B is Digitizing fIN = 126 MHz
ADC SAMPLE RATE (MSPS)
90
55
40
85
80
75
70
65
60
45
50
55
60
65
95
100
SNR
SFDR
50
Figure 8. AD9238-65 Single-Tone SNR/SFDR vs. FS with fIN = 32.5 MHz
ADC SAMPLE RATE (MSPS)
90
55
40
85
80
75
70
65
60
95
100
SNR
SFDR
50
35
30
25
20
SNR
SNR
Figure 9. AD9238-40 Single-Tone SNR/SFDR vs. FS with fIN = 20 MHz
ADC SAMPLE RATE (MSPS)
90
55
85
80
75
70
65
60
95
100
50
0
510
15
20
SFDR
SNR
Figure 10. AD9238-20 Single-Tone SNR/SFDR vs. FS with fIN = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com