Electronic Components Datasheet Search
  English  ▼

X  

AD876 Datasheet(PDF) 4 Page - Analog Devices

Part # AD876
Description  CMOS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876 Datasheet(HTML) 4 Page - Analog Devices

  AD876 Datasheet HTML 1Page - Analog Devices AD876 Datasheet HTML 2Page - Analog Devices AD876 Datasheet HTML 3Page - Analog Devices AD876 Datasheet HTML 4Page - Analog Devices AD876 Datasheet HTML 5Page - Analog Devices AD876 Datasheet HTML 6Page - Analog Devices AD876 Datasheet HTML 7Page - Analog Devices AD876 Datasheet HTML 8Page - Analog Devices AD876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD876
REV. B
–3–
DIGITAL SPECIFICATIONS
AD876
Parameter
Symbol
DRVDD
Min
Typ
Max
Units
LOGIC INPUT
High Level Input Voltage
VIH
3.0
2.4
V
5.0
4.0
V
5.25
4.2
V
Low Level Input Voltage
VIL
3.0
0.6
V
5.0
1.0
V
5.25
1.05
V
High Level Input Current
IIH
5.0
–10
+10
µA
Low Level Input Current
IIL
5.0
–50
+50
µA
Low Level Input Current (CLK Only)
IIL
5.0
–10
+10
µA
Input Capacitance
CIN
5pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
(IOH = 50
µA)
3.0
2.4
V
5.0
3.8
V
(IOH = 0.5 mA)
5.0
2.4
V
Low Level Output Voltage
VOL
(IOL = 50
µA)
3.6
0.7
V
5.25
1.05
V
(IOL = 0.6 mA)
5.25
0.4
V
Output Capacitance
COUT
5pF
Output Leakage Current
IOZ
–10
10
µA
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Units
Maximum Conversion Rate1
20
MHz
Clock Period
tC
50
ns
Clock High
tCH
23
25
ns
Clock Low
tCL
23
25
ns
Output Delay
tOD
10
20
ns
Pipeline Delay (Latency)
3.5
Clock Cycles
Aperture Delay Time
4
ns
Aperture Jitter
22
ps
NOTE
1Conversion rate is operational down to 10 kHz without degradation in specified performance.
OUT
DATA N-4
DATA N-3
DATA N-2
DATA N-1
DATA N
SAMPLE N
SAMPLE N+1
SAMPLE N+2
AIN
CLK
tCL
tCH
tC
tOD
Figure 1. Timing Diagram
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, DRVDD = +3.3 V, VREFT = +4.0 V, VREFB = +2.0 V,
fCLOCK = 20 MSPS, CL = 20 pF unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com