Electronic Components Datasheet Search
  English  ▼

X  

AD876 Datasheet(PDF) 3 Page - Analog Devices

Part # AD876
Description  CMOS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876 Datasheet(HTML) 3 Page - Analog Devices

  AD876 Datasheet HTML 1Page - Analog Devices AD876 Datasheet HTML 2Page - Analog Devices AD876 Datasheet HTML 3Page - Analog Devices AD876 Datasheet HTML 4Page - Analog Devices AD876 Datasheet HTML 5Page - Analog Devices AD876 Datasheet HTML 6Page - Analog Devices AD876 Datasheet HTML 7Page - Analog Devices AD876 Datasheet HTML 8Page - Analog Devices AD876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD876–SPECIFICATIONS
REV. B
–2–
AD876JR-8
AD876
Parameter
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
10
Bits
DC ACCURACY
Integral Nonlinearity (INL)
±0.3
±1.0
±1.0
LSB
Differential Nonlinearity (DNL)
±0.1
±0.75
±0.5
±1
LSB
No Missing Codes
GUARANTEED
GUARANTEED
Offset Error
0.1
0.4
% FSR
Gain Error
0.1
0.2
% FSR
ANALOG INPUT
Input Range
2
2
V p-p
Input Capacitance
5.0
5.0
pF
REFERENCE INPUT
Reference Top Voltage
3.5
4.0
4.5
3.5
4.0
4.5
V
Reference Bottom Voltage
1.6
2.0
2.5
1.6
2.0
2.5
V
Reference Input Resistance
250
250
Ω
Reference Input Current
8.0
8.0
mA
Reference Top Offset
35
35
mV
Reference Bottom Offset
35
35
mV
DYNAMIC PERFORMANCE
Effective Number of Bits
fIN = 1 MHz
7.8
9.0
Bits
fIN = 3.58 MHz
7.4
7.8
8.2
9.0
Bits
fIN = 10 MHz
7.5
8.2
Bits
Signal-to-Noise and Distortion (S/N+D) Ratio
fIN = 1 MHz
49
56
dB
fIN = 3.58 MHz
46
49
51
56
dB
fIN = 10 MHz
47
51
dB
Total Harmonic Distortion (THD)
fIN =1 MHz
–62
–62
dB
fIN = 3.58 MHz
–62
–56
–62
–56
dB
fIN =10 MHz
–60
–60
dB
Spurious Free Dynamic Range
2
–65
–65
dB
Full Power Bandwidth
150
150
MHz
Differential Phase
0.5
0.5
Degree
Differential Gain
1
1
%
POWER SUPPLIES
Operating Voltage
AVDD
1
+4.5
+5.25
+4.5
+5.25
Volts
DVDD
1
+4.5
+5.25
+4.5
+5.25
Volts
DRVDD
+3.0
+5.25
+3.0
+5.25
Volts
Operating Current
IAVDD
20
25
20
25
mA
IDVDD
12
16
12
16
mA
IDRVDD
0.1
1
0.1
1
mA
POWER CONSUMPTION
160
190
160
190
mW
TEMPERATURE RANGE
Specified
0
+70
0
+70
°C
NOTES
1AV
DD and DVDD must be within 0.5 V of each other to maintain specified performance levels.
23.58 MHz Input Frequency.
Specifications subject to change without notice. See Definition of Specifications for additional information.
(TMIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, DRVDD = +3.3 V, VREFB = +4.0 V, VREFB =
+2.0 V, fCLOCK = 20 MSPS, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com